Electronic Components Datasheet Search |
|
QC5A80.100FSB31AM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
QC5A80.100FSB31AM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page QANTEK Technology Corporation Phone: +1 877-227-0440 (tollfree) www.qantek.com Fax: +1 877-227-0440 (tollfree) info@qantek.com QC5A Series 3.2x5.0 4-Pad SMD Quartz Crystal Unit Features • Low in height, suitable for thin equipment • Ceramic package and metal lid assures high reliability • Tight tolerance and stability available Mechanical Dimensions Part Numbering Guide Qantek Code Package Nominal Frequency (in MHz) Vibration Mode Load Capacitance Operating Tempe- rature Range Frequency Tolerance Frequency Stability Automotive Indicator Packaging Q = Qantek C5A = 3.2x5.0 4-Pad = SMD 7 digits including the decimal point (f.ie. 12.0000) F = AT-Fund S = Series 08 = 8pF 12 = 12pF 18 = 18pF 20 = 20pF etc. A = -20 to +70°C B = -40 to +85°C C = -40 to +105°C D = -40 to +125°C 1 = ±10ppm 2 = ±20ppm 3 = ±30ppm 5 = ±50ppm 0 = ±100ppm 1 = ±10ppm 2 = ±20ppm 3 = ±30ppm 5 = ±50ppm 0 = ±100ppm A = AEC-Q200 M = 250pcs Tape&Reel R = 1000pcs Tape&Reel Example: QC5A12.0000F12B33R bold letters = recommended standard specification Applications • High density applications • Modem, communication and test equipment • PMCIA, wireless applications • Automotive applications Frequency Stability vs. Temperature Operating Temperature ±10ppm ±20ppm ±30ppm ±50ppm ±100ppm -20 to +70°C -40 to +85°C * * -40 to +105°C --- -40 to +125°C ---- *Operating Temperature -30 to +85°C standard available General Specifications Frequency Range 8.000 to 160.000MHz Mode of Oscillation Fundamental 8.000 to 52.000MHz Third Overtone 40.000 to 160.000MHz Frenquency Tolerance at 25°C ±10 to ±30ppm (±30ppm standard) Frequency Stability over Temperature Range See Stability vs. Temperature Table Storage Temperature -55 to +125°C Aging per Year ±3ppm max. Load Capacitance CL 10 to 32pF and Series Resonance Shunt Capacitance C0 7.0pF max. Equivalent Series Resistance (ESR) See ESR Table Drive Level 100µW max. Insulation Resistance (M ) 500 at 100Vdc ±15Vdc Equivalent Series Resistance (ESR) Frequency Range - MHz max. Mode of Operation 8.000 to 10.000 100 Fundamental 10.100 to 15.000 80 15.100 to 25.000 50 25.100 to 30.000 40 30.100 to 52.000 35 40.000 to 52.000 100 Third Overtone 52.100 to 80.000 100 80.100 to 160.000 80 |
Similar Part No. - QC5A80.100FSB31AM |
|
Similar Description - QC5A80.100FSB31AM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |