Electronic Components Datasheet Search |
|
QC3CA25.000F12B23R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
QC3CA25.000F12B23R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page QANTEK Technology Corporation Phone: +1 877-227-0440 (tollfree) www.qantek.com Fax: +1 877-227-0440 (tollfree) info@qantek.com QC3CA Series 2.5x3.2 4-Pad SMD All Ceramic Crystal Unit Features • All ceramic epoxy sealed SMD package • Low in height, suitable for thin equipment • Tight tolerance and stability available Mechanical Dimensions Applications • High density applications • Modem, communication and test equipment Frequency Stability vs. Temperature Operating Temperature ±20ppm ±30ppm ±50ppm -20 to +70°C -40 to +85°C standard available General Specifications Frequency Range 12.000 to 48.000MHz (Fundamental) Frenquency Tolerance at 25°C ±20 to ±50ppm (±30ppm standard) Frequency Stability over Temperature Range See Stability vs. Temperature Table Storage Temperature -55 to +125°C Aging per Year ±5ppm max. Load Capacitance CL 10 to 32pF and Series Resonance Shunt Capacitance C0 7.0pF max. Equivalent Series Resistance (ESR) See ESR Table Drive Level 100µW typ. (500µW max) Insulation Resistance (M ) 500 at 100Vdc ±15Vdc Equivalent Series Resistance (ESR) Frequency Range - MHz max. Mode of Operation 12.000 to 16.000 120 Fundamental 16.000 to 25.000 60 Fundamental 25.000 to 30.000 50 Fundamental 30.000 to 48.000 35 Fundamental Part Numbering Guide Qantek Code Package Nominal Frequency (in MHz) Vibration Mode Load Capacitance Operating Temperature Range Frequency Tolerance Frequency Stability Packaging Q = Qantek C3CA = 2.5x3.2 = 4-Pad SMD 7 digits including the decimal point (f.ie. 12.0000) F = AT-Fund S = Series 12 = 12pF 18 = 18pF 20 = 20pF etc. A = -20 to +70°C B = -40 to +85°C 2 = ±20ppm 3 = ±30ppm 5 = ±50ppm 2 = ±20ppm 3 = ±30ppm 5 = ±50ppm M = 250pcs Tape&Reel R = 1000pcs Tape&Reel Example: QC3CA12.0000F12B33R bold letters = recommended standard specification |
Similar Part No. - QC3CA25.000F12B23R |
|
Similar Description - QC3CA25.000F12B23R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |