Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL15-P2430P01 Datasheet(PDF) 3 Page - SICK AG

Part # WL15-P2430P01
Description  Photoelectric retro-reflective sensor, Standard optics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL15-P2430P01 Datasheet(HTML) 3 Page - SICK AG

  WL15-P2430P01 Datasheet HTML 1Page - SICK AG WL15-P2430P01 Datasheet HTML 2Page - SICK AG WL15-P2430P01 Datasheet HTML 3Page - SICK AG WL15-P2430P01 Datasheet HTML 4Page - SICK AG WL15-P2430P01 Datasheet HTML 5Page - SICK AG WL15-P2430P01 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/25/2016 1:57:43 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) Signal transit time with resistive
load 5) With light/dark ratio 1:1 6) A = VS connections reverse-polarity protected 7) B = inputs and output reverse-polarity protected 8) D = outputs overcurrent and
short-circuit protected 9) Reference voltage: 50 V DC
Output type:
PNP
Output function:
Complementary
Switching mode:
Light/dark switching
Output current Imax.:
≤ 100 mA
Response time:
≤ 1.25 ms 4)
Switching frequency:
400 Hz 5)
Connection type:
M12, 4-pin male connector
Circuit protection:::
A, B, D 6) 7) 8)
Protection class:
II 9)
Weight:
10 g
Polarisation filter:
ü
Special device:
ü
Optics material:
PMMA
Enclosure rating:
IP 67
Items supplied:
Snap-ring and M18 nut
Ambient operating temperature:
-25 °C ... +55 °C
Ambient storage temperature:
-25 °C ... +70 °C
UL File No.:
NRKH.E189383 & NRKH7.E189383
Housing material:
ABS, Plastic
Dimensional drawing


Similar Part No. - WL15-P2430P01

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL15-P2430P06 SICK-WL15-P2430P06 Datasheet
723Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
More results

Similar Description - WL15-P2430P01

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL15-A2430 SICK-WL15-A2430 Datasheet
726Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL15-F2433 SICK-WL15-F2433 Datasheet
726Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL12-3N1230S33 SICK-WL12-3N1230S33 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL12C-3P2432A71 SICK-WL12C-3P2432A71 Datasheet
681Kb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL11-2P2430P02 SICK-WL11-2P2430P02 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL15-E2433 SICK-WL15-E2433 Datasheet
726Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL15-P1130 SICK-WL15-P1130 Datasheet
663Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL15-P2430S01 SICK-WL15-P2430S01 Datasheet
723Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL12-3P2441 SICK-WL12-3P2441 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL250-2R1531 SICK-WL250-2R1531 Datasheet
569Kb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL11-2N1130 SICK-WL11-2N1130 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com