Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986F3V3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 4 Page - STMicroelectronics

  A6986F3V3 Datasheet HTML 1Page - STMicroelectronics A6986F3V3 Datasheet HTML 2Page - STMicroelectronics A6986F3V3 Datasheet HTML 3Page - STMicroelectronics A6986F3V3 Datasheet HTML 4Page - STMicroelectronics A6986F3V3 Datasheet HTML 5Page - STMicroelectronics A6986F3V3 Datasheet HTML 6Page - STMicroelectronics A6986F3V3 Datasheet HTML 7Page - STMicroelectronics A6986F3V3 Datasheet HTML 8Page - STMicroelectronics A6986F3V3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
Application schematic
A6986F
4/72
DocID027739 Rev 1
1
Application schematic
Figure 1. Application schematic


Similar Part No. - A6986F3V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
   38 V, 2 A synchronous step-down switching regulator with 30 쨉A quiescent current
November 2015 Rev 6
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
   Automotive 38 V, 2 A synchronous step-down switching regulator with 30 關A
Rev 3 - August 2020
A6986H3V3 STMICROELECTRONICS-A6986H3V3 Datasheet
17Mb / 71P
   Automotive 38 V, 2 A synchronous step-down switching regulator with 30 關A
Rev 3 - August 2020
A6986H3V3TR STMICROELECTRONICS-A6986H3V3TR Datasheet
17Mb / 71P
   Automotive 38 V, 2 A synchronous step-down switching regulator with 30 關A
Rev 3 - August 2020
A6986H5V STMICROELECTRONICS-A6986H5V Datasheet
17Mb / 71P
   Automotive 38 V, 2 A synchronous step-down switching regulator with 30 關A
Rev 3 - August 2020
More results

Similar Description - A6986F3V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
   38 V, 2 A synchronous step-down switching regulator
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
May 2016 Rev 1
STEVAL-ISA188V1 STMICROELECTRONICS-STEVAL-ISA188V1 Datasheet
232Kb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F3V3
February 2016 Rev 1
STEVAL-ISA189V1 STMICROELECTRONICS-STEVAL-ISA189V1 Datasheet
231Kb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F5V
February 2016 Rev 1
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
   Automotive 38 V, 2 A synchronous step-down switching regulator with 30 關A
Rev 3 - August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com