Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK320 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDK320
Description  200 mA low quiescent current and high PSRR voltage regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320 Datasheet(HTML) 2 Page - STMicroelectronics

  LDK320 Datasheet HTML 1Page - STMicroelectronics LDK320 Datasheet HTML 2Page - STMicroelectronics LDK320 Datasheet HTML 3Page - STMicroelectronics LDK320 Datasheet HTML 4Page - STMicroelectronics LDK320 Datasheet HTML 5Page - STMicroelectronics LDK320 Datasheet HTML 6Page - STMicroelectronics LDK320 Datasheet HTML 7Page - STMicroelectronics LDK320 Datasheet HTML 8Page - STMicroelectronics LDK320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Contents
LDK320
2/25
DocID028460 Rev 1
Contents
1
Diagram............................................................................................ 3
2
Pin configuration ............................................................................. 4
3
Typical application .......................................................................... 5
4
Maximum ratings ............................................................................. 6
5
Electrical characteristics ................................................................ 7
6
Typical characteristics.................................................................. 10
7
Package information ..................................................................... 16
7.1
SOT23-5L package information ...................................................... 16
7.2
SOT23-5L packing information........................................................ 18
7.3
SOT-89 package information .......................................................... 19
7.4
SOT-89 packing information............................................................ 22
8
Ordering information..................................................................... 23
9
Revision history ............................................................................ 24


Similar Part No. - LDK320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120 STMICROELECTRONICS-LDK120 Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
More results

Similar Description - LDK320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
Analog Devices
ADP322 AD-ADP322 Datasheet
841Kb / 24P
   Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. E
ADP320 AD-ADP320 Datasheet
716Kb / 20P
   Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
ADP220 AD-ADP220 Datasheet
586Kb / 20P
   Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
   150 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com