Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFLVDS325K01V Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFLVDS325K01V
Description  Rad-hard quad LVDS receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS325K01V Datasheet(HTML) 4 Page - STMicroelectronics

  RHFLVDS325K01V Datasheet HTML 1Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 2Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 3Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 4Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 5Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 6Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 7Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 8Page - STMicroelectronics RHFLVDS325K01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin configuration
RHFLVDS325
4/15
DocID028542 Rev 1
2
Pin configuration
Figure 2. Pin connections (top view)
Table 3. Pin description
Pin number
Symbol
Name and function
2, 6, 10, 14
1A to 4A
Receiver inputs
1, 7, 9, 15
1B to 4B
Negated receiver inputs
3, 5, 11, 13
1Y to 4Y
Receiver outputs
4G
Enable
12
G
8
GND
Ground
16
VCC
Supply voltage


Similar Part No. - RHFLVDS325K01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
   Rad-hard quad LVDS receivers
RHFLVDS32AK01V STMICROELECTRONICS-RHFLVDS32AK01V Datasheet
408Kb / 15P
   Rad-hard quad LVDS receivers
RHFLVDS32AK1 STMICROELECTRONICS-RHFLVDS32AK1 Datasheet
408Kb / 15P
   Rad-hard quad LVDS receivers
More results

Similar Description - RHFLVDS325K01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
   Rad-hard quad LVDS receivers
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
   Rad-hard quad LVDS driver
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
   Rad-hard quad LVDS driver
April 2017 Rev 4
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
   Rad-hard dual LVDS driver-receiver
March 2015 Rev 3
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
   Rad-hard plastic LVDS driver-receiver
June 2022 Rev 4
M54HC4066 STMICROELECTRONICS-M54HC4066_04 Datasheet
265Kb / 11P
   RAD-HARD QUAD BILATERAL SWITCH
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
   Rad-hard, dual 4x4 crosspoint switch LVDS
M54HC86 STMICROELECTRONICS-M54HC86_04 Datasheet
181Kb / 9P
   RAD HARD QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com