Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPC564L60L5BFQY Datasheet(PDF) 11 Page - STMicroelectronics

Part # RPC564L60L5BFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BFQY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RPC564L60L5BFQY Datasheet HTML 7Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 8Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 9Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 10Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 11Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 12Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 13Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 14Page - STMicroelectronics RPC564L60L5BFQY Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
DocID026934 Rev 1
11/137
RPC56EL60L5
Introduction
136
High-performance e200z4d dual core
32-bit Power Architecture® technology CPU
Core frequency as high as 120 MHz
Dual issue five-stage pipeline core
Variable Length Encoding (VLE)
Memory Management Unit (MMU)
4 KB instruction cache with error detection code
Signal processing engine (SPE)
Memory available
1 MB flash memory with ECC
128 KB on-chip SRAM with ECC
Built-in RWW capabilities for EEPROM emulation
SIL3/ASILD innovative safety concept: LockStep mode and Fail-safe protection
Sphere of replication (SoR) for key components (such as CPU core, eDMA,
crossbar switch)
Fault collection and control unit (FCCU)
Redundancy control and checker unit (RCCU) on outputs of the SoR connected to
FCCU
Boot-time Built-In Self-Test for Memory (MBIST) and Logic (LBIST) triggered by
hardware
Boot-time Built-In Self-Test for ADC and flash memory triggered by software
Replicated safety enhanced watchdog
Replicated junction temperature sensor
Non-maskable interrupt (NMI)
16-region memory protection unit (MPU)
Clock monitoring units (CMU)
Power management unit (PMU)
Cyclic redundancy check (CRC) unit
Decoupled Parallel mode for high-performance use of replicated cores
Nexus Class 3+ interface
Interrupts
Replicated 16-priority controller
Replicated 16-channel eDMA controller
GPIOs individually programmable as input, output or special function
Three 6-channel general-purpose eTimer units
2 FlexPWM units
Four 16-bit channels per module
Communications interfaces
2 LINFlexD channels
3 DSPI channels with automatic chip select generation
2 FlexCAN interfaces (2.0B Active) with 32 message objects


Similar Part No. - RPC564L60L5BFQY

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC50 DUBILIER-RPC50 Datasheet
266Kb / 3P
   SURFACE MOUNT CHIP RESISTOR
RPC50103F DUBILIER-RPC50103F Datasheet
184Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103F DUBILIER-RPC50103F Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103J DUBILIER-RPC50103J Datasheet
184Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103J DUBILIER-RPC50103J Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
More results

Similar Description - RPC564L60L5BFQY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
   32-bit Power Architecture짰 microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
   32-bit Power Architecture짰 microcontroller for automotive SIL3/ASILD chassis and safety applications
RTP315N10F7 STMICROELECTRONICS-RTP315N10F7 Datasheet
822Kb / 13P
   Aerospace and defense N-channel 100 V
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
   32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
logo
STMicroelectronics
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
   Designed for industrial and defense, naval applications
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
   Aerospace, Broadcast, Computers Systems, Defense Electronics
logo
Vicor Corporation
V48B2C100BL VICOR-V48B2C100BL Datasheet
766Kb / 11P
   Distributed power, medical, ATE, communications, defense, aerospace.
logo
XP Power Limited
MTC35 XPPOWER-MTC35 Datasheet
6Mb / 35P
   COTS Component for Defense & Avionics Applications
logo
Microchip Technology
SAMRH71 MICROCHIP-SAMRH71 Datasheet
10Mb / 1608P
   Rad-Hard 32-bit Arm Cortex-M7 Microcontroller for Aerospace Applications
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com