Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1ML Datasheet(PDF) 11 Page - STMicroelectronics

Part # SP1ML
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SP1ML Datasheet HTML 7Page - STMicroelectronics SP1ML Datasheet HTML 8Page - STMicroelectronics SP1ML Datasheet HTML 9Page - STMicroelectronics SP1ML Datasheet HTML 10Page - STMicroelectronics SP1ML Datasheet HTML 11Page - STMicroelectronics SP1ML Datasheet HTML 12Page - STMicroelectronics SP1ML Datasheet HTML 13Page - STMicroelectronics SP1ML Datasheet HTML 14Page - STMicroelectronics SP1ML Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID026906 Rev 4
11/27
SP1ML
Hardware design
27
2.2
Typical application circuit
In a typical application the SP1ML module is connected to a host MCU using a standard
UART, with transmit and receive signals. This is illustrated in Figure 3.
Figure 3. Typical application circuit
Optional functionality
1.
When the TXRX_LED (S24) configuration register (see Table 10) is set to 1, the
TXRXLED signal is an active-low open drain output that can be used to drive an
external LED for status indication when data is sent or received.
2.
The MODE0 signal provides a hardware method for switching between command and
operating modes. The SHDN signal allows the module to be placed into a low power
shutdown mode and woken up again.
3.
The BOOTMODE AND RESET signals should be connected if module firmware will
need to be updated over the UART interface.
4.
To support custom module firmware, the serial wire debug signals need to be
accessible for programming and debugging.
2.3
Layout guidelines
The application PCB requires a flooded ground plane. Care must be taken to ensure there
are no traces or ground planes under the area surrounding the antenna, with the exception
SP1ML
MODULE
HOST
MCU
TXD
TXD
RXD
RXD
RTS
CTS
GPIO
GPIO
BOOTMODE
RESET
GPIO
GPIO
MODE0
SHDN
TXRXLED
1
2
3
VDD
RESET
SWCLK
SWDIO
4
SWD
HEADER
VDD
VDD
VDD
GND
10uF


Similar Part No. - SP1ML

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
   Guitar or/and Bass Preamplifier
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
logo
Grayhill, Inc
SP1 GRAYHILL-SP1 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
TE Connectivity Ltd
SP1 TEC-SP1 Datasheet
1Mb / 5P
   Compact String Pot ??Voltage Divider
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - SP1ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SP1ML915 STMICROELECTRONICS-STEVAL-SP1ML915 Datasheet
281Kb / 9P
   USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
January 2015 Rev 1
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
STMicroelectronics
SPSGRF STMICROELECTRONICS-SPSGRF Datasheet
330Kb / 23P
   Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
October 2016 Rev 5
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
   OnBoard 868/915/8682400 MHz - Antenna
logo
STMicroelectronics
STEVAL-IDS001V4M STMICROELECTRONICS-STEVAL-IDS001V4M Datasheet
268Kb / 6P
   868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
July 2015 Rev 1
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
   SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com