Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP752R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP752R
Description  Smart Power High-Side-Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP752R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSP752R Datasheet HTML 2Page - Infineon Technologies AG BSP752R Datasheet HTML 3Page - Infineon Technologies AG BSP752R Datasheet HTML 4Page - Infineon Technologies AG BSP752R Datasheet HTML 5Page - Infineon Technologies AG BSP752R Datasheet HTML 6Page - Infineon Technologies AG BSP752R Datasheet HTML 7Page - Infineon Technologies AG BSP752R Datasheet HTML 8Page - Infineon Technologies AG BSP752R Datasheet HTML 9Page - Infineon Technologies AG BSP752R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2004-01-27
Page 6
BSP 752 R
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12..42V, unless otherwise specified
min.
typ.
max.
Input and Status feedback
Input turn-on threshold voltage
VIN(T+)
-
-
2.2
V
Input turn-off threshold voltage
VIN(T-)
0.8
-
-
Input threshold hysteresis
∆VIN(T)
-
0.4
-
Off state input current
VIN = 0.7 V
IIN(off)
1
-
25
µA
On state input current
VIN = 5 V
IIN(on)
3
-
25
Status output (open drain), Zener limit voltage
IST = 1.6 mA
VST(high)
5.4
6.1
-
V
Status output (open drain), ST low voltage
Tj = -40...+25 °C, IST = 1.6 mA
Tj = 150 °C, IST = 1.6 mA
VST(low)
-
-
-
-
0.4
0.6
Status invalid after positive input slope 1)
Vbb = 20 V
td(ST+)
-
120
160
µs
Status invalid after negative input slope 1)
td(ST-)
-
250
400
Input resistance (see page 8)
RI
2
3.5
5
k
Diagnostic Characteristics
Short circuit detection voltage
VOUT(SC)
-
2.8
-
V
Open load detection voltage2)
VOUT(OL)
-
3
4
Internal output pull down3)
( see page 9 and 14 )
VOUT(OL) = 4 V
RO
-
200
-
k
1no delay time after overtemperature switch off and short circuit in on-state
2External pull up resistor required for open load detection in off state.
3not subject to production test, specified by design


Similar Part No. - BSP752R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP752R INFINEON-BSP752R Datasheet
259Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752R INFINEON-BSP752R_16 Datasheet
401Kb / 19P
   Smart High-Side Power Switch
V1.2 2016-02-22
More results

Similar Description - BSP752R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com