Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS79 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSS79
Description  NPN Silicon Switching Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS79 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSS79 Datasheet HTML 1Page - Infineon Technologies AG BSS79 Datasheet HTML 2Page - Infineon Technologies AG BSS79 Datasheet HTML 3Page - Infineon Technologies AG BSS79 Datasheet HTML 4Page - Infineon Technologies AG BSS79 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BSS79, BSS81
5
Nov-30-2001
DC current gain hFE = f (IC)
VCE = 10V
EHP00676
BSS 79/81
10
10
mA
h
C
10
5
FE
10
3
2
10
1
5
10
10
10
-1
0
1
2
3
Ι
-50 ˚C
25 ˚C
150 ˚C
Saturation voltage IC = f (VBEsat, VCEsat)
hFE = 10
EHP00756
2
0
V
BE sat
C
10
1
10
0
5
Ι
V
mA
0.2
0.4
0.6
0.8
1.0
1.2
CE sat
V
,
5
10
2
V BE
VCE
Storage time tstg = f (IC)
Fall time
tf = f (IC)
EHP00678
BSS 79/81
10
10
mA
t
C
5
stg
10
3
2
10
1
5
10
10
12
3
Ι
5
5
ns
FE
h
t f
,
h
FE
stg
t
f
t
= 10
= 20
FE
h
= 10
Delay time td = f (IC)
Rise time tr = f (IC)
EHP00677
BSS 79/81
10
ns
10
10
mA
t
C
10
5
10
d
55
5
Ι
01
2
3
10
3
2
10
1
5
r
t
,
h
FE
td
tr
tr
V
CC = 30 V
= 10
V
BE = 5 V
= 2 V
= 0 V
V
BE
V
BE
td


Similar Part No. - BSS79

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Guangdong Kexin Industr...
BSS79 KEXIN-BSS79 Datasheet
41Kb / 2P
   NPN Silicon Switching Transistors
logo
Siemens Semiconductor G...
BSS79B SIEMENS-BSS79B Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Zetex Semiconductors
BSS79B ZETEX-BSS79B Datasheet
29Kb / 1P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
BSS79B KEXIN-BSS79B Datasheet
41Kb / 2P
   NPN Silicon Switching Transistors
More results

Similar Description - BSS79

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com