Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL16N65M2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STL16N65M2
Description  N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT??5x6 HV package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL16N65M2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STL16N65M2 Datasheet HTML 5Page - STMicroelectronics STL16N65M2 Datasheet HTML 6Page - STMicroelectronics STL16N65M2 Datasheet HTML 7Page - STMicroelectronics STL16N65M2 Datasheet HTML 8Page - STMicroelectronics STL16N65M2 Datasheet HTML 9Page - STMicroelectronics STL16N65M2 Datasheet HTML 10Page - STMicroelectronics STL16N65M2 Datasheet HTML 11Page - STMicroelectronics STL16N65M2 Datasheet HTML 12Page - STMicroelectronics STL16N65M2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID027128 Rev 1
9/16
STL16N65M2
Package mechanical data
16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


Similar Part No. - STL16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL16N65M5 STMICROELECTRONICS-STL16N65M5 Datasheet
934Kb / 15P
   N-channel 650 V, 0.270 ohm, 12 A PowerFLAT 8x8 HV
More results

Similar Description - STL16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
   N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
June 2019 Rev 2
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
   N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2019 Rev 1
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
   N-channel 600 V, 0.400 廓 typ., 6.5 A MDmesh??M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
   N-channel 600 V, 0.290 廓 typ., 8 A MDmesh??M2 Power MOSFET in a PowerFLAT??5x6 HV package
May 2015 Rev 1
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
   N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
May 2022 Rev 4
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
   N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
   N-channel 600 V, 0.389 廓 typ., 7 A MDmesh??M2 EP Power MOSFET in a PowerFLAT??5x6 HV package
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
   N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
DS11604 - Rev 3 - April 2018
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
   N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLATTM 8x8 HV package
November 2014 Rev 1
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
   N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com