Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP45N60DM2AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP45N60DM2AG
Description  Extremely high dv/dt ruggedness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N60DM2AG Datasheet(HTML) 3 Page - STMicroelectronics

  STP45N60DM2AG Datasheet HTML 1Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 2Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 3Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 4Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 5Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 6Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 7Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 8Page - STMicroelectronics STP45N60DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STP45N60DM2AG
Electrical ratings
DocID028065 Rev 1
3/13
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at Tcase = 25 °C
34
A
Drain current (continuous) at TcasePCB = 100 °C
21
IDM
(1)
Drain current (pulsed)
136
A
PTOT
Total dissipation at Tcase = 25 °C
250
W
dv/dt
(2)
Peak diode recovery voltage slope
50
V/ns
dv/dt
(3)
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature
-55 to 150
°C
Tj
Operating junction temperature
Notes:
(1)
Pulse width is limited by safe operating area.
(2)
ISD
≤ 34 A, di/dt=800 A/μs; VDS peak < V(BR)DSS, VDD = 80% V
(BR)DSS.
(3)
VDS
≤ 480 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.50
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
6
A
EAS
(1)
Single pulse avalanche energy
800
mJ
Notes:
(1)
starting Tj = 25 °C, ID = IAR, VDD = 50 V.


Similar Part No. - STP45N60DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45N60DM6 STMICROELECTRONICS-STP45N60DM6 Datasheet
331Kb / 15P
   N-channel 600 V, 0.085 廓 typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
More results

Similar Description - STP45N60DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW70N60DM2 STMICROELECTRONICS-STW70N60DM2 Datasheet
724Kb / 12P
   Extremely high dv/dt ruggedness
December 2015 Rev 4
STP18N60DM2 STMICROELECTRONICS-STP18N60DM2 Datasheet
716Kb / 13P
   Extremely high dv/dt ruggedness
STW35N60DM2 STMICROELECTRONICS-STW35N60DM2 Datasheet
704Kb / 12P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STF24N60DM2 STMICROELECTRONICS-STF24N60DM2 Datasheet
821Kb / 13P
   Extremely high dv/dt ruggedness
March 2015 Rev 4
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
   Extremely high dv/dt ruggedness
December 2015 Rev 4
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com