Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC3504W Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # KBPC3504W
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

KBPC3504W Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  KBPC3504W Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. KBPC3504W Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC35005W THRU KBPC3510W AND MB3505W THRU MB3510W
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 35.0 Amperes
Case:Metal case
Terminals: Lead 0.040(1.02mm) diameter.
Polarity: Polarity symbols marked on case
Mounting:Thru hole for #8 screw,20in.-lbs. torque max.
Weight:0.93 ounce, 26.4 grams
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTES:
1.Unit mounted on 9” x3.5” x4.6” thick(23cmx9cmx11.8cm)Al.plate.
2.Bolt dowm on heat-sink with silicone thermal compound between bridge and mounting surface for
maximum heat transfer efficiency with #8 screw.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,at 5 lbs. (2.3kg) tension
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
400.0
664
10
1.0
2500
2.0
-65 to +150
-65 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
35
KBPC
35005W
KBPC
3501W
KBPC
3502W
KBPC
3506W
KBPC
3508W
KBPC
3510W
KBPC
3504W
MB3505W
MB354W
MB351W MB352W
MB356W MB358W MB3510W
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output rectified
current at TC=50 C (Note 1,2)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Rating for Fusing(t<8.3ms)
Maximum instantaneous forward voltage dorp
per bridge element at 17.5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Isolation voltage from case to leads
Typical Thermal Resistance (Note 2)
Operating junction temperature range
storage temperature range
A
u
C
I t
VISO
RqJA
TJ
TSTG
C/W
mA
IR
C
VAC
A s
2
2
VF
1.1
MB-35W
Dimensions in inches and (millimeters)
0.452
(11.5)
0.042(1.10) DIA.
0.038(0.97)
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
HOLE FOR
NO.8 SCREW
0.033x.250
(0.8x6.4)
1.181(30.0)
1.102(28.0)
0.468(11.9)
0.429(10.9)
0.732(18.6)
0.692(17.6)
AC
AC
-
+
MAX.
0.591
(15.0)
MAX.
0.732(18.6)
0.692(17.6)
www.shunyegroup.com.cn


Similar Part No. - KBPC3504W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3504W WTE-KBPC3504W Datasheet
52Kb / 4P
   15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
KBPC3504W WINNERJOIN-KBPC3504W Datasheet
152Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Microdiode Electronics ...
KBPC3504W CHENDA-KBPC3504W Datasheet
543Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Dc Components
KBPC3504W DCCOM-KBPC3504W Datasheet
423Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
KBPC3504W WINNERJOIN-KBPC3504W Datasheet
131Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC3504W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com