Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D1800 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1800
Description  12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1800 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12D1800 Datasheet HTML 4Page - Texas Instruments ADC12D1800 Datasheet HTML 5Page - Texas Instruments ADC12D1800 Datasheet HTML 6Page - Texas Instruments ADC12D1800 Datasheet HTML 7Page - Texas Instruments ADC12D1800 Datasheet HTML 8Page - Texas Instruments ADC12D1800 Datasheet HTML 9Page - Texas Instruments ADC12D1800 Datasheet HTML 10Page - Texas Instruments ADC12D1800 Datasheet HTML 11Page - Texas Instruments ADC12D1800 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
GND
VA
GND
VA
GND
VA
50 k:
VA
GND
GND
VA
ADC12D1800
SNAS500P – MAY 2010 – REVISED JULY 2015
www.ti.com
Table 3-2. Pin Attributes — Control and Status Balls (continued)
PIN NO.
NAME
EQUIVALENT CIRCUIT
DESCRIPTION
Calibration cycle initiate. The user can command
the device to execute a self-calibration cycle by
holding this input high a minimum of tCAL_H after
having held it low a minimum of tCAL_L. If this input
is held high at the time of power-on, the automatic
power-on calibration cycle is inhibited until this
D6
CAL
input is cycled low-then-high. This pin is active in
both ECM and Non-ECM. In ECM, this pin is
logically OR'd with the CAL Bit (Addr: 0h, Bit 15)
in the Control Register. Therefore, both pin and bit
must be set low and then either can be set high to
execute an on-command calibration.
Calibration Running indication. This output is
B5
CalRun
logic-high while the calibration sequence is
executing. This output is logic-low otherwise.
Power Down I- and Q-channel. Setting either input
to logic-high powers down the respective I- or Q-
channel. Setting either input to logic-low brings the
respective I- or Q-channel to an operational state
U3
PDI
after a finite time delay. This pin is active in both
V3
PDQ
ECM and Non-ECM. In ECM, each Pin is logically
OR'd with its respective Bit. Therefore, either this
pin or the PDI and PDQ Bit in the Control Register
can be used to power-down the I- and Q-channel
(Addr: 0h, Bit 11 and Bit 10), respectively.
Test Pattern Mode select. With this input at logic-
high, the device continuously outputs a fixed,
repetitive test pattern at the digital outputs. In the
A4
TPM
ECM, this input is ignored and the Test Pattern
Mode can only be activated through the Control
Register by the TPM Bit (Addr: 0h, Bit 12).
Non-Demuxed Mode select. Setting this input to
logic-high causes the digital output bus to be in
the 1:1 Non-Demuxed Mode. Setting this input to
A5
NDM
logic-low causes the digital output bus to be in the
1:2 Demuxed Mode. This feature is pin-controlled
only and remains active during ECM and Non-
ECM.
8
Pin Configuration and Functions
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: ADC12D1800


Similar Part No. - ADC12D1800

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
ADC12D1800CIUT NSC-ADC12D1800CIUT Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
ADC12D1800CIUT/NOPB NSC-ADC12D1800CIUT/NOPB Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
ADC12D1800RB NSC-ADC12D1800RB Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Texas Instruments
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
More results

Similar Description - ADC12D1800

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com