Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12J1600 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12J1600 Datasheet HTML 4Page - Texas Instruments ADC12J1600 Datasheet HTML 5Page - Texas Instruments ADC12J1600 Datasheet HTML 6Page - Texas Instruments ADC12J1600 Datasheet HTML 7Page - Texas Instruments ADC12J1600 Datasheet HTML 8Page - Texas Instruments ADC12J1600 Datasheet HTML 9Page - Texas Instruments ADC12J1600 Datasheet HTML 10Page - Texas Instruments ADC12J1600 Datasheet HTML 11Page - Texas Instruments ADC12J1600 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
I/O
GND
VA19
To Internal
Circuitry
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
The soldering process must comply with TI's Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(1) (2) (3)
MIN
MAX
UNIT
1.2-V supply
VA12, VD12
1.4
V
Supply voltage
1.9-V supply
VA19
2.2
V
1.2-V supply difference between VA12 and VD12
–200
200
mV
V(VA19) +
On any input pin (except VIN+ or VIN–)
–0.15
V
0.15
Voltage
On VIN+ or VIN–
0
2
V
|(VIN+) – (VIN–)|(4)
2
|(DEVCLK+) – (DEVCLK–)|
2
Voltage difference
V
|(SYSREF+) – (SYSREF–)|
2
|(~SYNC+) – (~SYNC–)|
1
On VIN+, VIN–, with proper input common mode maintained. FIN ≥ 3 GHz,
11.07
Z(SOURCE) = 100 Ω, Input_Clamp_EN = 0 or 1
On VIN+, VIN–, with proper input common mode maintained. FIN = 1 GHz,
RF input power, PI
14.95
dBm
Z(SOURCE) = 100 Ω, Input_Clamp_EN = 1
On VIN+, VIN–, with proper input common mode maintained. FIN ≤ 100 MHz,
20.97
Z(SOURCE) = 100 Ω, Input_Clamp_EN = 1
At any pin other than VIN+ or VIN– (5)
–25
25
mA
VIN+ or VIN–
–50
50
mA DC
Input current
Package(5) (sum of absolute value of all currents forced in or out, not including
100
mA
power supply current)
Junction
Power applied. Verified by High Temperature Operation Life testing to 1000
–40
150
°C
temperature, TJ
hours.
Storage temperature, Tstg
–65
150
°C
(1)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The analog inputs are protected as in the following circuit. Input-voltage magnitudes beyond the Absolute Maximum Ratings may
damage this device.
(5)
When the input voltage at any pin (other than VIN+ or VIN–) exceeds the power supply limits (that is, less than GND or greater than
VA19), the current at that pin must be limited to 25 mA. The 100-mA maximum package input current rating limits the number of pins
that can safely exceed the power supplies. This limit is not placed upon the power pins or thermal pad (GND).
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKE TI1-ADC12J1600NKE Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKER TI1-ADC12J1600NKER Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKET TI1-ADC12J1600NKET Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600 TI1-ADC12J1600_16 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600_16 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com