Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D1600RF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1600RF
Description  12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1600RF Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12D1600RF Datasheet HTML 2Page - Texas Instruments ADC12D1600RF Datasheet HTML 3Page - Texas Instruments ADC12D1600RF Datasheet HTML 4Page - Texas Instruments ADC12D1600RF Datasheet HTML 5Page - Texas Instruments ADC12D1600RF Datasheet HTML 6Page - Texas Instruments ADC12D1600RF Datasheet HTML 7Page - Texas Instruments ADC12D1600RF Datasheet HTML 8Page - Texas Instruments ADC12D1600RF Datasheet HTML 9Page - Texas Instruments ADC12D1600RF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
VA
VA
GND
GND
Tdiode_P
Tdiode_N
GND
VA
V
GND
VA
V
VA
A GND
-
+
100:
100:
ADC12D1000RF, ADC12D1600RF
SNAS519H – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Table 3-1. Analog Front-End and Clock Balls (continued)
PIN
I/O
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
Reference Clock Output 1 and 2. These
signals provide a reference clock at a
rate of CLK/4, when enabled,
independently of whether the ADC is in
Master or Slave Mode. They are used to
drive the RCLK of another
ADC12D1x00RF, to enable automatic
synchronization for multiple ADCs
RCOut1+/-
Y5/U6
O
(AutoSync feature). The impedance of
RCOut2+/-
V6/V7
each trace from RCOut1 and RCOut2 to
the RCLK of another ADC12D1x00RF
should be 100-
Ω differential. Having two
clock outputs allows the auto-
synchronization to propagate as a binary
tree. Use the DOC Bit (Addr: Eh, Bit 1) to
enable or disable this feature; default is
disabled.
External Reference Resistor terminals. A
3.3-k
Ω ±0.1% resistor should be
connected between Rext+/-. The Rext
resistor is used as a reference to trim
Rext+/-
C3/D3
I/O
internal circuits which affect the linearity
of the converter; the value and precision
of this resistor should not be
compromised.
Input Termination Trim Resistor
terminals. A 3.3-k
Ω ±0.1% resistor should
be connected between Rtrim+/-. The
Rtrim resistor is used to establish the
calibrated 100-
Ω input impedance of VinI,
Rtrim+/-
C1/D2
I/O
VinQ and CLK. These impedances may
be fine tuned by varying the value of the
resistor by a corresponding percentage;
however, the tuning range and
performance is not specified for such an
alternate value.
Temperature Sensor Diode Positive
(Anode) and Negative (Cathode)
Tdiode+/-
E2/F3
Passive
Terminals. This set of pins is used for die
temperature measurements. It has not
been fully characterized.
6
Pin Configuration and Functions
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: ADC12D1000RF ADC12D1600RF


Similar Part No. - ADC12D1600RF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600RFIUT TI-ADC12D1600RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1600RFIUT/NOPB TI-ADC12D1600RFIUT/NOPB Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
More results

Similar Description - ADC12D1600RF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com