Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC31JB68RTA25 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC31JB68RTA25
Description  Single Channel 16-bit 500 Msps Analog to Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31JB68RTA25 Datasheet(HTML) 3 Page - Texas Instruments

  ADC31JB68RTA25 Datasheet HTML 1Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 2Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 3Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 4Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 5Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 6Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 7Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 8Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
1
2
3
4
5
7
6
8
9
10
21
22
23
24
25
26
27
28
29
30
VIN-
VIN+
AGND
VA3.0
VA3.0
AGND
VCM
VACLK1.2
VACLK1.2
AGND
SO1+
SO1-
VA1.2
AGND
SO0+
SO0-
VA1.8
AGND
VA1.2
AGND
EXPOSED PADDLE ON BOTTOM
OF PACKAGE
ADC31JB68
www.ti.com
SLASE60A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
The ADC31JB68 is packaged in a 40-pin QFN package (6 x 6 x 0.8, 0.5 mm pin-pitch) with a bottom-side
exposed paddle.
RTA Package
40 PIN (WQFN)
Top View
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC31JB68


Similar Part No. - ADC31JB68RTA25

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC311 MPSIND-ADC311 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC312 MPSIND-ADC312 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC313 MPSIND-ADC313 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC314 MPSIND-ADC314 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC315 MPSIND-ADC315 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
More results

Similar Description - ADC31JB68RTA25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com