Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S102WGRQV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC128S102WGRQV
Description  8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WGRQV Datasheet(HTML) 1 Page - Texas Instruments

  ADC128S102WGRQV Datasheet HTML 1Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 2Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 3Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 4Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
IN0
IN7
MUX
T/H
ADC128S102
SCLK
VA
AGND
DGND
VD
CS
DIN
DOUT
CONTROL
LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
.
.
.
AGND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC128S102QML-SP
SNAS411N – AUGUST 2008 – REVISED SEPTEMBER 2015
ADC128S102QML-SP 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
1 Features
3 Description
The ADC128S102 device is a low-power, eight-
1
Total Ionizing Dose 100 krad(Si)
channel CMOS 12-bit analog-to-digital converter
Single Event Latch-Up 120 MeV-cm2/mg
specified for conversion throughput rates of 50 kSPS
Eight Input Channels
to 1 MSPS. The converter is based on a successive-
approximation register architecture with an internal
Variable Power Management
track-and-hold circuit. The device can be configured
Independent Analog and Digital Supplies
to accept up to eight input signals at inputs IN0
SPI™/QSPI™/MICROWIRE™/DSP Compatible
through IN7.
Packaged in 16-Lead Ceramic SOIC
The output serial data is straight binary and is
Key Specifications
compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
Conversion Rate: 50 kSPS to 1 MSPS
interfaces.
DNL (VA = VD = 5 V): +1.5 / −0.9 LSB
(Maximum)
The ADC128S102 may be operated with independent
analog and digital supplies. The analog supply (VA)
INL (VA = VD = 5 V): +1.4 / −1.25 LSB
can range from 2.7 V to 5.25 V, and the digital supply
(Maximum)
(VD) can range from 2.7 V to VA. Normal power
Power Consumption
consumption using a 3-V or 5-V supply is 2.3 mW
3-V Supply: 2.3 mW (Typical)
and 10.7 mW, respectively. The power-down feature
reduces the power consumption to 0.06 µW using a
5-V Supply: 10.7 mW (Typical)
3-V supply and 0.25 µW using a 5-V supply.
2 Applications
Device Information(1)
Automotive Navigation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Portable Systems
ADC128S102QML-SP
CFP (16)
9.91 mm × 6.35 mm
Medical Instruments
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Mobile Communications
Instrumentation and Control Systems
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC128S102WGRQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S102WGRQV NSC-ADC128S102WGRQV Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S102WGRQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com