Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS52J90 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS52J90
Description  Multichannel, Low-Power, High-Speed ADC
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS52J90 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS52J90 Datasheet HTML 4Page - Texas Instruments ADS52J90 Datasheet HTML 5Page - Texas Instruments ADS52J90 Datasheet HTML 6Page - Texas Instruments ADS52J90 Datasheet HTML 7Page - Texas Instruments ADS52J90 Datasheet HTML 8Page - Texas Instruments ADS52J90 Datasheet HTML 9Page - Texas Instruments ADS52J90 Datasheet HTML 10Page - Texas Instruments ADS52J90 Datasheet HTML 11Page - Texas Instruments ADS52J90 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
ADS52J90
SBAS690B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
Pin Functions(1) (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SYSREFM_SERDES
T7
Frame clock and local multiframe clock (LMFC) synchronization input as per
I
JESD204B, subclass 1 standard
SYSREFP_SERDES
U7
Common-mode output pin for biasing analog input signals. Connect a 10-µF capacitor
VCM
F5
O
to ground.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD_1P8
–0.3
2.2
Voltage
DVDD_1P2
–0.3
1.35
V
DVDD_1P8
–0.3
2.2
Analog input pins (INMi, INPi)
–0.3
Minimum [2.2, (AVDD_1P8 + 0.3)]
V
CLKP, CLKM
–0.3
Minimum [2.2, (AVDD_1P8 + 0.3)]
V
PDN_GBL, PDN_FAST, RESET, SCLK, SDIN,
SEN, TX_TRIG, SPI_DIG_EN,
Digital control pins
–0.3
Minimum [2.2, (DVDD_1P8 + 0.3)]
V
SYNCM_SERDES, SYNCP_SERDES,
SYSREFM_SERDES, SYSREFP_SERDES
Maximum operating junction temperature, TJMax
105
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS52J90


Similar Part No. - ADS52J90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS52J91 TI-ADS52J91 Datasheet
448Kb / 5P
[Old version datasheet]   ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
ADS52J91ZZE TI-ADS52J91ZZE Datasheet
448Kb / 5P
[Old version datasheet]   ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
More results

Similar Description - ADS52J90

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8763A PHILIPS-TDA8763A Datasheet
172Kb / 24P
   10-bit high-speed low-power ADC
1999 Jan 06
TDA8764A PHILIPS-TDA8764A Datasheet
123Kb / 24P
   10-bit high-speed low-power ADC
2000 Jul 03
logo
Maxim Integrated Produc...
MAX4310 MAXIM-MAX4310 Datasheet
404Kb / 20P
   High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
Rev 1; 4/99
MAX4310ESA MAXIM-MAX4310ESA Datasheet
305Kb / 18P
   High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
Rev 3; 3/08
logo
Texas Instruments
ADS52J91 TI-ADS52J91 Datasheet
448Kb / 5P
[Old version datasheet]   ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
logo
Maxim Integrated Produc...
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
logo
Silergy Corp.
MAX78700 SILERGY-MAX78700 Datasheet
552Kb / 7P
   Multichannel, Isolated, Precision ADC
logo
Maxim Integrated Produc...
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com