Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3443IRTQ25 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC3443IRTQ25
Description  Analog-to-Digital Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3443IRTQ25 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC3443IRTQ25 Datasheet HTML 6Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 7Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 8Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 9Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 10Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 11Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 12Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 13Page - Texas Instruments ADC3443IRTQ25 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
ADC3441, ADC3442, ADC3443, ADC3444
SBAS670A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
7.9 AC Performance: ADC3442
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 50 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
ADC3442 (fS = 50 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fIN = 10 MHz
73.1
73.5
fIN = 20 MHz
70.7
72.9
73.3
fIN = 70 MHz
72.7
73.1
Signal-to-noise ratio
(from 1-MHz offset)
fIN = 100 MHz
71.9
72.6
fIN = 170 MHz
71.5
71.8
fIN = 230 MHz
70.4
70.8
SNR
dBFS
fIN = 10 MHz
72.5
72.9
fIN = 20 MHz
72.3
72.7
fIN = 70 MHz
71.9
72.3
Signal-to-noise ratio
(full Nyquist band)
fIN = 100 MHz
71.3
72.1
fIN = 170 MHz
71.0
71.2
fIN = 230 MHz
69.8
70.2
fIN = 10 MHz
–146.9
–147.3
fIN = 20 MHz
–146.7 –144.5
–146.9
fIN = 70 MHz
–146.5
–146.9
Noise spectral density
NSD(1)
dBFS/Hz
(averaged across Nyquist zone)
fIN = 100 MHz
–145.7
–146.4
fIN = 170 MHz
–145.3
–145.6
fIN = 230 MHz
–144.2
–144.6
fIN = 10 MHz
73
73.4
fIN = 20 MHz
69.7
72.2
72.7
fIN = 70 MHz
72.2
72.7
Signal-to-noise and distortion
SINAD(1)
dBFS
ratio
fIN = 100 MHz
72.1
73.2
fIN = 170 MHz
71.4
71.8
fIN = 230 MHz
69.8
70.1
fIN = 10 MHz
11.9
11.9
fIN = 20 MHz
11.3
11.8
11.8
fIN = 70 MHz
11.8
11.8
ENOB(1)
Effective number of bits
Bits
fIN = 100 MHz
11.7
11.9
fIN = 170 MHz
11.6
11.6
fIN = 230 MHz
11.4
11.4
fIN = 10 MHz
90
90
fIN = 20 MHz
82
92
90
fIN = 70 MHz
92
90
SFDR
Spurious-free dynamic range
dBc
fIN = 100 MHz
87
87
fIN = 170 MHz
86
84
fIN = 230 MHz
83
82
(1)
Reported from a 1-MHz offset.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3441 ADC3442 ADC3443 ADC3444


Similar Part No. - ADC3443IRTQ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421IRTQ25 TI1-ADC3421IRTQ25 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421IRTQR TI1-ADC3421IRTQR Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADC3443IRTQ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com