Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1263IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1263IPW
Description  32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1263IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1263IPW Datasheet HTML 5Page - Texas Instruments ADS1263IPW Datasheet HTML 6Page - Texas Instruments ADS1263IPW Datasheet HTML 7Page - Texas Instruments ADS1263IPW Datasheet HTML 8Page - Texas Instruments ADS1263IPW Datasheet HTML 9Page - Texas Instruments ADS1263IPW Datasheet HTML 10Page - Texas Instruments ADS1263IPW Datasheet HTML 11Page - Texas Instruments ADS1263IPW Datasheet HTML 12Page - Texas Instruments ADS1263IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
ADS1262, ADS1263
www.ti.com
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
Electrical Characteristics (continued)
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
All specifications are at VAVDD = 5 V, VAVSS = 0 V, VDVDD = 3.3 V, VREF = 2.5 V, fCLK = 7.3728 MHz, ADC1 data rate = 20 SPS
with PGA enabled and gain = 1, and ADC2 data rate = 10 SPS with gain = 1 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CROSSTALK
ADC1 to ADC2
20
µV/V
Crosstalk
ADC2 to ADC1
1
µV/V
EXTERNAL VOLTAGE REFERENCE INPUTS
ADC1
150
nA
Reference input current(5)
ADC2
1
nA
Input current vs voltage
VREF = 2 V to 4.8 V, ADC1
10
nA/V
Input current drift
ADC1
0.1
nA/°C
Input impedance
Differential, ADC1
50
M
Ω
Low reference monitor
Threshold, ADC1
0.4
0.6
V
INTERNAL VOLTAGE REFERENCE
Reference voltage
2.5
V
Initial accuracy
TA = 25°C
±0.1%
±0.2%
TA = 0°C to +85°C
2
6
ppm/°C
Reference voltage temperature drift
TA = –40°C to +105°C
4
12
ppm/°C
Reference voltage long term drift
TA = 85°C, 1st 1000 hr
50
ppm
Thermal hysteresis
First 0°C to 85°C cycle
50
ppm
Output current
-10
10
mA
Load regulation
40
µV/mA
Start-up time
Settling time to ±0.001% final value
50
ms
TEMPERATURE SENSOR
Voltage
TA = 25°C
122.4
mV
Temperature coefficient
420
µV/°C
CURRENT SOURCES (IDAC1, IDAC2)
50, 100, 250, 500, 750,
Currents
µA
1000, 1500, 2000, 2500, 3000
Compliance range
All currents
VAVSS
VAVDD – 1.1
V
Absolute error
All currents
±0.7%
±4%
IDAC1 current = IDAC2 current
±0.1%
±1%
Match error
IDAC1 current
≠ IDAC2 current
±1%
Absolute
50
ppm/°C
Temperature drift
Match
5
20
ppm/°C
LEVEL-SHIFT VOLTAGE
Voltage
(VAVDD + VAVSS) / 2
V
Output impedance
100
Ω
SENSOR BIAS
Currents
±0.5, ±2, ±10, ±50, ±200
µA
Pull-up/pull-down resistor
10
M
Ω
TEST DAC (TDAC)
DAC reference voltage
VAVDD – VAVSS
V
Differential output voltage
18 binary weighted settings
–4
4
V
Absolute output voltage
To VAVSS
0.5
4.5
V
Accuracy
±0.1%
±1.5%
Output impedance
See Table 12
(5)
Specified with VAVSS ≤ VREFN and VREFP ≤ VAVDD. For reference input voltage exceeding VAVDD or VAVSS, the ADC1 reference input
current = 10 nA/ mV.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS1262 ADS1263


Similar Part No. - ADS1263IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1260 TI1-ADS1260 Datasheet
1Mb / 89P
[Old version datasheet]   Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
ADS1260 TI1-ADS1260 Datasheet
2Mb / 91P
[Old version datasheet]   Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
ADS1260 TI1-ADS1260 Datasheet
1Mb / 86P
[Old version datasheet]   Automotive Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
ADS1260-Q1 TI1-ADS1260-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Automotive precision, 5-channel and 10-channel, 40-kSPS, 24-bit, delta-sigma ADCs with PGA and monitors
ADS1260-Q1 TI1-ADS1260-Q1_19 Datasheet
1Mb / 86P
[Old version datasheet]   Automotive Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
More results

Similar Description - ADS1263IPW

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADS1262 TAOS-ADS1262 Datasheet
2Mb / 134P
   ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com