Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7924 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7924
Description  4-Channel, MicroPOWER Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7924 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7924_15 Datasheet HTML 2Page - Texas Instruments ADS7924_15 Datasheet HTML 3Page - Texas Instruments ADS7924_15 Datasheet HTML 4Page - Texas Instruments ADS7924_15 Datasheet HTML 5Page - Texas Instruments ADS7924_15 Datasheet HTML 6Page - Texas Instruments ADS7924_15 Datasheet HTML 7Page - Texas Instruments ADS7924_15 Datasheet HTML 8Page - Texas Instruments ADS7924_15 Datasheet HTML 9Page - Texas Instruments ADS7924_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
SCL
SDA
t
R
t
HDSTA
t
HDSTA
t
HDDAT
t
BUF
t
HIGH
t
SUSTA
t
SUSTO
P
S
Sr
P
t
SP
t
VDACK
t
SUDAT
9thClock
t
VDDAT
t
F
t
LOW
ADS7924
SBAS482B – JANUARY 2010 – REVISED SEPTEMBER 2015
www.ti.com
6.6 I
2C Timing Requirements
MIN
MAX
UNIT
fSCL
SCL operating frequency
0
0.4
MHz
tBUF
Bus free time between START and STOP condition
1.3
μs
Hold time after repeated START condition.
tHDSTA
600
ns
After this period, the first clock is generated.
tSUSTA
Repeated START condition setup time
600
ns
tSUSTO
Stop condition setup time
600
ns
tHDDAT
Data hold time
0
ns
tSUDAT
Data setup time
100
ns
tLOW
SCL clock low period
1300
ns
tHIGH
SCL clock high period
600
ns
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
tVDDAT
Data valid time
0.9
μs
tVDACK
Data valid acknowledge time
0.9
μs
tSP
Pulse width of spike that must be suppressed by the input filter
0
50
ns
NOTE: S = Start, Sr = Repeated Start, and P = Stop.
Figure 1. I2C Timing Diagram
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS7924


Similar Part No. - ADS7924_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
More results

Similar Description - ADS7924_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI-ADS7924 Datasheet
669Kb / 42P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
ADS-424SM DATEL-ADS-424SM Datasheet
134Kb / 1P
   Multi-Channel Analog to Digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com