Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGER
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGER Datasheet(HTML) 1 Page - Texas Instruments

  ADS8331IBRGER Datasheet HTML 1Page - Texas Instruments ADS8331IBRGER Datasheet HTML 2Page - Texas Instruments ADS8331IBRGER Datasheet HTML 3Page - Texas Instruments ADS8331IBRGER Datasheet HTML 4Page - Texas Instruments ADS8331IBRGER Datasheet HTML 5Page - Texas Instruments ADS8331IBRGER Datasheet HTML 6Page - Texas Instruments ADS8331IBRGER Datasheet HTML 7Page - Texas Instruments ADS8331IBRGER Datasheet HTML 8Page - Texas Instruments ADS8331IBRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
SDI
SCLK
SDO
CDAC
SAR
Comparator
Output
Latch
and
3-State
Driver
Conversion
and
Control
Logic
_
+
FS/CS
CONVST
EOC/INT/CDI
RESET
REF+
M
U
X
ADCIN
MUXOUT
IN[0:3]
or
IN[0:7]
COM
REF-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS8331, ADS8332
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
ADS833x Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input
Analog-to-Digital Converters With Serial Interface
1 Features
2 Applications
1
Low-Power, Flexible Supply Range:
Communications
Transducer Interfaces
2.7-V to 5.5-V Analog Supply
Medical Instruments
8.7 mW (250 kSPS in Auto-NAP Mode,
VA = 2.7 V, VBD = 1.65 V)
Magnetometers
14.2 mW (500 kSPS, VA = 2.7 V,
Industrial Process Controls
VBD = 1.65 V)
Data Acquisition Systems
Up to 500-kSPS Sampling Rate
Automatic Test Equipment
Excellent DC Performance:
3 Description
±1.2 LSB Typical, ±2 LSB Maximum INL at
2.7 V
The ADS8331 is a low-power, 16-bit, 500-k samples-
per-second (SPS) analog-to-digital converter (ADC)
±0.6 LSB Typical, –1/1.5 LSB Maximum DNL
with a unipolar, 4-to-1 multiplexer (mux) input. The
at 2.7 V
device includes a 16-bit capacitor-based successive
16-Bit NMC Over Temperature
approximation register (SAR) ADC with inherent
Excellent AC Performance at 5 V, fIN = 1 kHz:
sample and hold.
91.5-dB SNR, 101-dB SFDR, –100-dB THD
The ADS8332 is based on the same core and
includes a unipolar 8-to-1 input mux. Both devices
Flexible Analog Input Arrangement:
offer a high-speed, wide-voltage serial interface and
On-Chip 4-/8-Channel Mux With Breakout
are capable of daisy-chain operation when multiple
Auto/Manual Channel Select and Trigger
converters are used.
Other Hardware Features:
These converters are available in 24-pin, 4 × 4 QFN
On-Chip Conversion Clock (CCLK)
and 24-pin TSSOP packages and are fully specified
for operation over the industrial –40°C to 85°C
Software/Hardware Reset
temperature range.
Programmable Status/Polarity EOC/INT
Daisy-Chain Mode
Device Information(1)
Global CONVST (Independent of CS)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Deep, Nap, and Auto-NAP Powerdown Modes
VQFN (24)
4.00 mm × 4.00 mm
ADS833x
SPI™/DSP Compatible Serial Interface
TSSOP (24)
7.80 mm × 4.40 mm
Separate I/O Supply: 1.65 V to VA
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SCLK up to 40 MHz (VA = VBD = 5 V)
24-Pin 4-mm × 4-mm VQFN and 24-Pin TSSOP
Packages
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS8331IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI1-ADS8331IBRGER Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
More results

Similar Description - ADS8331IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com