Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8674IDBTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8674IDBTR
Description  4- and 8-Channel, Single-Supply, SAR ADCs
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8674IDBTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8674IDBTR Datasheet HTML 7Page - Texas Instruments ADS8674IDBTR Datasheet HTML 8Page - Texas Instruments ADS8674IDBTR Datasheet HTML 9Page - Texas Instruments ADS8674IDBTR Datasheet HTML 10Page - Texas Instruments ADS8674IDBTR Datasheet HTML 11Page - Texas Instruments ADS8674IDBTR Datasheet HTML 12Page - Texas Instruments ADS8674IDBTR Datasheet HTML 13Page - Texas Instruments ADS8674IDBTR Datasheet HTML 14Page - Texas Instruments ADS8674IDBTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
0
3000
6000
9000
12000
8189
8190
8191
8192
8193
8194
8195
Output Codes
C007
0
1000
2000
3000
4000
5000
6000
8189
8190
8191
8192
8193
8194
8195
Output Codes
C008
-70
0
70
140
210
280
350
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C005
---- ± 2.5*V
REF, ---- “ 1.25*VREF
---- “ 0.625*VREF, ------“0.3125*VREF
-------“0.156 VREF, ---- + 2.5*VREF
---- + 1.25*V
REF, ---- + 0.625*VREF
---- + 0.3125*V
REF
0
160
320
480
640
800
0.85 0.88 0.91 0.94 0.97
1
1.03 1.06 1.09 1.12 1.15
Input Impedance (M
)
C006
±15
±9
±3
3
9
15
±10
±6
±2
2
6
10
Input Voltage (V)
C001
---- ± 2.5*V
REF, ---- “ 1.25*VREF
---- “ 0.625*VREF, ------“0.3125*VREF
-------“0.156 VREF, ---- + 2.5*VREF
---- + 1.25*V
REF, ---- + 0.625*VREF
---- + 0.3125*V
REF
±15
±9
±3
3
9
15
±10
±6
±2
2
6
10
Input Voltage (V)
C002
----- -400C
----- 250C
----- 1250C
ADS8674, ADS8678
www.ti.com
SBAS627 – JULY 2015
7.7 Typical Characteristics
At TA = 25°C, AVDD = 5 V, DVDD = 3 V, internal reference VREF = 4.096 V, and fSAMPLE = 500 kSPS, unless otherwise noted.
Input range = ±2.5 × VREF
Figure 2. Input I-V Characteristic
Figure 3. Input Current vs Temperature
Number of samples = 1160
Figure 4. Input Impedance Variation vs Temperature
Figure 5. Typical Distribution of Input Impedance
Mean = 8192.5, sigma = 0.31, input = 0 V,
Mean = 8192.5, sigma = 0.32, input = 0 V,
range = ±2.5 × VREF
range = ±1.25 × VREF
Figure 6. DC Histogram for Mid-Scale Inputs (±2.5 × VREF)
Figure 7. DC Histogram for Mid-Scale Inputs (±1.25 × VREF)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS8674 ADS8678


Similar Part No. - ADS8674IDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPW TI1-ADS8671IPW Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPWR TI1-ADS8671IPWR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMR TI1-ADS8671IRUMR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMT TI1-ADS8671IRUMT Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results

Similar Description - ADS8674IDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com