Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8694IDBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8694IDBT
Description  4- and 8-Channel, Single-Supply, SAR ADCs
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8694IDBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8694IDBT Datasheet HTML 2Page - Texas Instruments ADS8694IDBT Datasheet HTML 3Page - Texas Instruments ADS8694IDBT Datasheet HTML 4Page - Texas Instruments ADS8694IDBT Datasheet HTML 5Page - Texas Instruments ADS8694IDBT Datasheet HTML 6Page - Texas Instruments ADS8694IDBT Datasheet HTML 7Page - Texas Instruments ADS8694IDBT Datasheet HTML 8Page - Texas Instruments ADS8694IDBT Datasheet HTML 9Page - Texas Instruments ADS8694IDBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
ADS8694, ADS8698
SBAS686 – JULY 2015
www.ti.com
7.5 Electrical Characteristics
Minimum and maximum specifications are at TA = –40°C to 125°C. Typical specifications are at TA = 25°C.
AVDD = 5 V, DVDD = 3 V, VREF = 4.096 V (internal), and fSAMPLE = 500 kSPS, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
ANALOG INPUTS
Input range = ±2.5 × VREF
–2.5 × VREF
2.5 × VREF
A
Input range = ±1.25 × VREF
–1.25 × VREF
1.25 × VREF
A
Full-scale input span(2)
Input range = ±0.625 × VREF
–0.625 × VREF
0.625 × VREF
V
A
(AIN_nP to AIN_nGND)
Input range = 2.5 × VREF
0
2.5 × VREF
A
Input range = 1.25 × VREF
0
1.25 × VREF
A
Input range = ±2.5 × VREF
–2.5 × VREF
2.5 × VREF
A
Input range = ±1.25 × VREF
–1.25 × VREF
1.25 × VREF
A
Operating input range,
AIN_nP
Input range = ±0.625 × VREF
–0.625 × VREF
0.625 × VREF
V
A
positive input
Input range = 2.5 × VREF
0
2.5 × VREF
A
Input range = 1.25 × VREF
0
1.25 × VREF
A
Operating input range,
AIN_nGND
All input ranges
–0.1
0
0.1
V
B
negative input
At TA = 25°C,
zi
Input impedance
0.85
1
1.15
M
Ω
B
all input ranges
Input impedance drift
All input ranges
7
25
ppm/°C
B
VIN – 2.25
With voltage at AIN_nP pin = VIN,
————
A
input range = ±2.5 × VREF
RIN
VIN – 2.00
With voltage at AIN_nP pin = VIN,
————
A
input range = ±1.25 × VREF
RIN
VIN – 1.60
With voltage at AIN_nP pin = VIN,
IIkg(in)
Input leakage current
————
µA
A
input range = ±0.625 × VREF
RIN
VIN – 2.50
With voltage at AIN_nP pin = VIN,
————
A
input range = 2.5 × VREF
RIN
VIN – 2.50
With voltage at AIN_nP pin = VIN,
————
A
input range = 1.25 × VREF
RIN
INPUT OVERVOLTAGE PROTECTION
AVDD = 5 V or offers low
–20
20
B
impedance < 30 k
Ω, all input ranges
VOVP
Overvoltage protection voltage
V
AVDD = floating with impedance
–11
11
B
> 30 k
Ω, all input ranges
(1)
Test Levels: (A) Tested at final test. Over temperature limits are set by characterization and simulation. (B) Limits set by characterization
and simulation, across temperature range. (C) Typical value only for information, provided by design simulation.
(2)
Ideal input span, does not include gain or offset error.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS8694 ADS8698


Similar Part No. - ADS8694IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8694 TI1-ADS8694 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Similar Description - ADS8694IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com