Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8332IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8332IPWR
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8332IPWR Datasheet(HTML) 5 Page - Texas Instruments

  ADS8332IPWR Datasheet HTML 1Page - Texas Instruments ADS8332IPWR Datasheet HTML 2Page - Texas Instruments ADS8332IPWR Datasheet HTML 3Page - Texas Instruments ADS8332IPWR Datasheet HTML 4Page - Texas Instruments ADS8332IPWR Datasheet HTML 5Page - Texas Instruments ADS8332IPWR Datasheet HTML 6Page - Texas Instruments ADS8332IPWR Datasheet HTML 7Page - Texas Instruments ADS8332IPWR Datasheet HTML 8Page - Texas Instruments ADS8332IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range, unless otherwise noted.
(1)
MIN
MAX
UNIT
INX, MUXOUT, ADCIN, REF+ to AGND
–0.3
VA + 0.3
COM, REF– to AGND
–0.3
0.3
Voltage
VA to AGND
–0.3
7
V
VBD to DGND
–0.3
7
AGND to DGND
–0.3
0.3
Digital input voltage to DGND
–0.3
VBD + 0.3
V
Digital output voltage to DGND
–0.3
VBD + 0.3
V
(TJMax –
Power dissipation
W
4 × 4 QFN-
TA)/RθJA
24 Package
RθJA thermal impedance
47
°C/W
(TJMax –
Power dissipation
W
TSSOP-24
TA)/θJA
Package
RθJA thermal impedance
47
°C/W
Operating free-air temperature, TA
–40
85
°C
Junction temperature, TJ Max
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VA
Analog supply voltage
2.7
3
3.6
V
VBD
Digital supply voltage
1.65
3
VA + 0.2
V
7.4 Thermal Information
ADS833x
THERMAL METRIC(1)
RGE (VQFN)
PW (TSSOP)
UNIT
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
31.9
78.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.2
12.1
°C/W
RθJB
Junction-to-board thermal resistance
8.7
33.8
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.3
°C/W
ψJB
Junction-to-board characterization parameter
8.7
33.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.25
NA
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS8331 ADS8332


Similar Part No. - ADS8332IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8332IPWR TI-ADS8332IPWR Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IPWR TI-ADS8332IPWR Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IPWR TI-ADS8332IPWR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IPWR TI1-ADS8332IPWR Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
More results

Similar Description - ADS8332IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com