Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1304L05DWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1304L05DWR
Description  High-Precision Reinforced Isolated Delta-Sigma Modulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1304L05DWR Datasheet(HTML) 4 Page - Texas Instruments

  AMC1304L05DWR Datasheet HTML 1Page - Texas Instruments AMC1304L05DWR Datasheet HTML 2Page - Texas Instruments AMC1304L05DWR Datasheet HTML 3Page - Texas Instruments AMC1304L05DWR Datasheet HTML 4Page - Texas Instruments AMC1304L05DWR Datasheet HTML 5Page - Texas Instruments AMC1304L05DWR Datasheet HTML 6Page - Texas Instruments AMC1304L05DWR Datasheet HTML 7Page - Texas Instruments AMC1304L05DWR Datasheet HTML 8Page - Texas Instruments AMC1304L05DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
2
3
4
5
NC
AINP
AINN
AGND
NC
6
7
8
16
15
14
13
12
11
10
9
LDOIN
VCAP
AGND
DGND
NC
DVDD
CLKIN
NC
DOUT
NC
DGND
1
2
3
4
5
NC
AINP
AINN
AGND
NC
6
7
8
16
15
14
13
12
11
10
9
LDOIN
VCAP
AGND
DGND
NC
DVDD
CLKIN
CLKIN_N
DOUT
DOUT_N
DGND
AMC1304L05, AMC1304L25, AMC1304M05, AMC1304M25
SBAS655C – SEPTEMBER 2014 – REVISED SEPTEMBER 2015
www.ti.com
5 Device Comparison Table
INPUT VOLTAGE
DIFFERENTIAL
DIGITAL OUTPUT
ORDER NUMBER
STATUS
RANGE
INPUT RESISTANCE
INTERFACE
AMC1304L05DW, AMC1304L05DWR
Production
±50 mV
5 k
Ω
LVDS
AMC1304L25DW, AMC1304L25DWR
Production
±250 mV
25 k
Ω
LVDS
AMC1304M05DW, AMC1304M05DWR
Production
±50 mV
5 k
Ω
CMOS
AMC1304M25DW, AMC1304M25DWR
Production
±250 mV
25 k
Ω
CMOS
6 Pin Configurations and Functions
DW Package: LVDS Interface Versions (AMC1304Lx)
DW Package: CMOS Interface Versions (AMC1304Mx)
SOIC-16
SOIC-16
Top View
Top View
Pin Functions
PIN
NO.
I/O
NAME
AMC1304Lx
AMC1304Mx
(LVDS)
(CMOS)
DESCRIPTION
4
4
This pin is internally connected to pin 8 and can be left unconnected or tied to high-side ground
AGND
8
8
High-side ground reference
AINN
3
3
I
Inverting analog input
AINP
2
2
I
Noninverting analog input
CLKIN
13
13
I
Modulator clock input, 5 MHz to 20.1 MHz
CLKIN_N
12
I
Inverted modulator clock input
DGND
9, 16
9, 16
Controller-side ground reference
DOUT
11
11
O
Modulator data output
DOUT_N
10
O
Inverted modulator data output
Controller-side power supply, 3.0 V to 5.5 V.
DVDD
14
14
See the Power-Supply Recommendations section for decoupling recommendations.
LDOIN
6
6
Low dropout regulator input, 4 V to 18 V
1
1
This pin can be connected to VCAP or left unconnected
5
5
This pin can be left unconnected or tied to AGND only
NC
10, 12
These pins have no internal connection
15
15
This pin can be left unconnected or tied to DVDD only
LDO output. See the Power-Supply Recommendations section for decoupling
VCAP
7
7
recommendations.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: AMC1304L05 AMC1304L25 AMC1304M05 AMC1304M25


Similar Part No. - AMC1304L05DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05QDWQ1 TI1-AMC1304L05QDWQ1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05QDWRQ1 TI1-AMC1304L05QDWRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
More results

Similar Description - AMC1304L05DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com