Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7952SBRHBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7952SBRHBT
Description  Single-Ended, MicroPower, Serial Interface ADCs
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7952SBRHBT Datasheet(HTML) 3 Page - Texas Instruments

  ADS7952SBRHBT Datasheet HTML 1Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 2Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 3Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 4Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 5Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 6Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 7Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 8Page - Texas Instruments ADS7952SBRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
ADS7950, ADS7951, ADS7952, ADS7953, ADS7954, ADS7955
ADS7956, ADS7957, ADS7958, ADS7959, ADS7960, ADS7961
www.ti.com
SLAS605B – JUNE 2008 – REVISED JULY 2015
Added Note to Electrical Characteristics, ADS7950/51/52/53 ............................................................................................. 11
Added Vref = 2.5 V ± 0.1 V to Electrical Characteristics, ADS7954/55/56/57 test conditions............................................... 12
Added while 2Vref
≤ +VA to full-scale input span range 2 test conditions........................................................................... 12
Added while 2Vref
≤ +VA to full-scale input span range 2 test conditions........................................................................... 12
Changed Vref reference voltage at REFP min value from 2.49 V to 2.0 V ........................................................................... 12
Changed Vref reference voltage at REFP max value from 2.51 V to 3.0 V .......................................................................... 12
Added Vref = 2.5 V ± 0.1 V to Electrical Characteristics, ADS7958/59/60/61 test conditions............................................... 13
Added while 2Vref
≤ +VA to full-scale input span range 2 test conditions........................................................................... 13
Added while 2Vref
≤ +VA to full-scale input span range 2 test conditions........................................................................... 13
Changed Vref reference voltage at REFP min value from 2.49 V to 2.0 V ........................................................................... 14
Changed Vref reference voltage at REFP max value from 2.51 V to 3.0 V .......................................................................... 14
Changed tsu1 values from max to min................................................................................................................................... 15
Changed tsu2 values from max to min................................................................................................................................... 15
Added TOTAL UNADJUSTED ERROR (TUE Max) graph................................................................................................... 23
Added TOTAL UNADJUSTED ERROR (TUE Min) graph.................................................................................................... 23
Changed GPIO pins description ........................................................................................................................................... 26
Added device powerdown through GPIO in the case of the TSSOP packaged devices ..................................................... 26
Added note to Table 1 .......................................................................................................................................................... 31
Added note to Table 2 .......................................................................................................................................................... 33
Added note to Table 5 .......................................................................................................................................................... 36
Added note to Programming GPIO Registers description.................................................................................................... 38
Added QFN information to Table 11..................................................................................................................................... 39
Changed DI12 = 1? from No or No to Yes or No in Figure 56............................................................................................. 40
Added note to Figure 57 ....................................................................................................................................................... 42
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS7950 ADS7951 ADS7952 ADS7953 ADS7954 ADS7955 ADS7956 ADS7957 ADS7958
ADS7959 ADS7960 ADS7961


Similar Part No. - ADS7952SBRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7952SBRHBT TI1-ADS7952SBRHBT Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7952SBRHBT TI1-ADS7952SBRHBT Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Similar Description - ADS7952SBRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com