Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS117 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS117
Description  Smart Lowside Power Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS117 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS117 Datasheet HTML 1Page - Infineon Technologies AG BTS117 Datasheet HTML 2Page - Infineon Technologies AG BTS117 Datasheet HTML 3Page - Infineon Technologies AG BTS117 Datasheet HTML 4Page - Infineon Technologies AG BTS117 Datasheet HTML 5Page - Infineon Technologies AG BTS117 Datasheet HTML 6Page - Infineon Technologies AG BTS117 Datasheet HTML 7Page - Infineon Technologies AG BTS117 Datasheet HTML 8Page - Infineon Technologies AG BTS117 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
19.05.2000
Page 3
BTS 117
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj=25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Drain source clamp voltage
Tj = - 40 ...+ 150°C, ID = 10 mA
VDS(AZ)
60
-
73
V
Off state drain current
VDS = 32 V, Tj = -40...+150 °C, VIN = 0 V
IDSS
-
-
5
µA
Input threshold voltage
ID = 0.7 mA
VIN(th)
1.3
1.7
2.2
V
Input current - normal operation, ID<ID(lim):
VIN = 10 V
IIN(1)
-
30
60
µA
Input current - current limitation mode, ID=ID(lim):
VIN = 10 V
IIN(2)
-
120
300
Input current - after thermal shutdown, ID=0 A:
VIN = 10 V
IIN(3)
800
2200
4000
Input holding current after thermal shutdown1)
Tj = 25 °C
Tj = 150 °C
IIN(H)
500
300
-
-
-
-
On-state resistance
VIN = 5 V, ID = 3.5 A, Tj = 25 °C
VIN = 5 V, ID = 3.5 A, Tj = 150 °C
RDS(on)
-
-
90
180
120
240
m
On-state resistance
VIN = 10 V, ID = 3.5 A, Tj = 25 °C
VIN = 10 V, ID = 3.5 A, Tj = 150 °C
RDS(on)
-
-
80
160
100
200
Nominal load current (ISO 10483)
VIN = 10 V, VDS = 0.5 V, TC = 85 °C
ID(ISO)
3.5
-
-
A
1If the input current is limited by external components, low drain currents can flow and heat the device.
Auto restart behaviour can occur.


Similar Part No. - BTS117

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS117 SIEMENS-BTS117 Datasheet
138Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
logo
Infineon Technologies A...
BTS117TC INFINEON-BTS117TC Datasheet
269Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BTS117 INFINEON-BTS117_12 Datasheet
215Kb / 11P
   Smart Low Side Power Switch
Rev. 1.4, 2012-07-11
More results

Similar Description - BTS117

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com