Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8563TDSCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563TDSCT
Description  Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563TDSCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8563TDSCT Datasheet HTML 2Page - Texas Instruments DAC8563TDSCT Datasheet HTML 3Page - Texas Instruments DAC8563TDSCT Datasheet HTML 4Page - Texas Instruments DAC8563TDSCT Datasheet HTML 5Page - Texas Instruments DAC8563TDSCT Datasheet HTML 6Page - Texas Instruments DAC8563TDSCT Datasheet HTML 7Page - Texas Instruments DAC8563TDSCT Datasheet HTML 8Page - Texas Instruments DAC8563TDSCT Datasheet HTML 9Page - Texas Instruments DAC8563TDSCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
7.5 Electrical Characteristics
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
12
Bits
DAC756xT
Relative accuracy
Using line passing through codes 32 and 4,064
±0.3
±0.75
LSB
Differential nonlinearity
12-bit monotonic
±0.05
±0.25
Resolution
14
Bits
DAC816xT
Relative accuracy
Using line passing through codes 128 and 16,256
±1
±3
LSB
Differential nonlinearity
14-bit monotonic
±0.1
±0.5
Resolution
16
Bits
DAC856xT
Relative accuracy
Using line passing through codes 512 and 65,024
±4
±12
LSB
Differential nonlinearity
16-bit monotonic
±0.2
±1
Offset error
Extrapolated from two-point line(1), unloaded
±1
±4
mV
Offset error drift
±2
µV/°C
Full-scale error
DAC register loaded with all 1s, DAC output unloaded
±0.03
±0.2
% FSR
Zero-code error
DAC register loaded with all 0s, DAC output unloaded
1
4
mV
Zero-code error drift
±2
µV/°C
Gain error
Extrapolated from two-point line(1), unloaded
±0.01
±0.15
% FSR
ppm
Gain temperature coefficient
±1
FSR/°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
AVDD
V
DACs unloaded
7
Output voltage settling time(3)
µs
RL = 1 MΩ
10
Slew rate
Measured between 20%–80% of a full-scale transition
0.75
V/µs
RL = ∞
1
Capacitive load stability
nF
RL = 2 kΩ
3
Code-change glitch impulse
1-LSB change around major carry
0.1
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.1
nV-s
Power-on glitch impulse
RL = 2 kΩ, CL = 470 pF, AVDD = 5.5 V
40
mV
Full-scale swing on adjacent channel,
5
External reference
Channel-to-channel dc crosstalk
µV
Full-scale swing on adjacent channel,
15
Internal reference
DC output impedance
At mid-scale input
5
Ω
DAC outputs at full-scale, DAC outputs shorted to
Short-circuit current
40
mA
GND
Power-up time, including settling time
Coming out of power-down mode
50
µs
AC PERFORMANCE(2)
DAC output noise density
TA = 25°C, at mid-scale input, fOUT = 1 kHz
90
nV/
√Hz
DAC output noise
TA = 25°C, at mid-scale input, 0.1 Hz to 10 Hz
2.6
µVPP
LOGIC INPUTS(2)
Input-pin leakage current
–1
±0.1
1
µA
Logic input LOW voltage VIL
0
0.8
V
Logic input HIGH voltage VIH
2.1
AVDD
V
Pin capacitance
3
pF
(1)
16-bit: codes 512 and 65,024; 14-bit: codes 128 and 16,256; 12-bit: codes 32 and 4,064, All digital inputs kept at same IO levels before
and after write to the DAC
(2)
Specification based on design or characterization
(3)
Transition time between 1 / 4 scale and 3 / 4 scale, including settling to within ±0.024% FSR
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T


Similar Part No. - DAC8563TDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8563 TI1-DAC8563 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8563 TI-DAC8563 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8563-Q1 TI1-DAC8563-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power, Buffered, Voltage-Output DACs
DAC8563SDGSR TI1-DAC8563SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8563SDGSR TI1-DAC8563SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

Similar Description - DAC8563TDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7562 TI1-DAC7562_15 Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
   Internal reference source Adjusted idler voltage
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com