Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2E146-HT67-01 Datasheet(PDF) 6 Page - ebm-papst

Part # D2E146-HT67-01
Description  AC centrifugal fan forward curved, dual inlet with housing (flange)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

D2E146-HT67-01 Datasheet(HTML) 6 Page - ebm-papst

  D2E146-HT67-01 Datasheet HTML 1Page - ebm-papst D2E146-HT67-01 Datasheet HTML 2Page - ebm-papst D2E146-HT67-01 Datasheet HTML 3Page - ebm-papst D2E146-HT67-01 Datasheet HTML 4Page - ebm-papst D2E146-HT67-01 Datasheet HTML 5Page - ebm-papst D2E146-HT67-01 Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC centrifugal fan
forward curved, dual inlet
with housing (flange)
D2E146-HT67-01
Charts: Air flow 60 Hz
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
1.300
1.200
1.100
1.000
900
800
700
600
500
400
300
200
100
0
qv[cfm]
700
600
500
400
300
200
100
0
660
640
620
600
580
560
540
520
500
480
460
440
420
400
380
360
340
320
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
2,6
2,5
2,4
2,3
2,2
2,1
2
1,9
1,8
1,7
1,6
1,5
1,4
1,3
1,2
1,1
1
0,9
0,8
0,7
0,6
0,5
0,4
0,3
0,2
0,1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Measurement: LU-45714
Measurement: LU-45716
Measurement: LU-45718
Measurement: LU-45720
Air performance measured as per ISO 5801
Installation category A. For detailed
information on the measuring set-up, please
contact ebm-papst. Suction-side noise
levels: LwA measured as per ISO 13347 /
LpA measured with 1m distance to fan axis.
The values given are valid under the
measuring conditions mentioned above and
may vary according to the actual installation
situation. With any deviation from the
standard set-up, the specific values have to
be checked and reviewed with the unit
installed.
Measured values
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Stage
4
4
4
4
3
3
3
3
2
2
2
2
1
1
1
1
U
V
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
f
Hz
60
60
60
60
60
60
60
60
60
60
60
60
60
60
60
60
n
min-1
2100
2360
2685
2935
1780
2085
2495
2870
1325
1560
1990
2575
950
1105
1400
1985
Pe
W
400
384
360
335
296
284
260
226
228
222
210
181
187
185
180
165
I
A
1.75
1.67
1.58
1.48
1.37
1.34
1.29
1.22
1.10
1.09
1.07
1.02
0.92
0.91
0.90
0.88
qv
m3/h
875
780
620
350
740
690
575
345
540
510
450
305
385
360
325
240
pfs
Pa
200
350
500
575
143
273
432
552
75
148
268
439
38
74
137
265
U = Supply voltage · f = Frequency · n = Speed · Pe = Power input · I = Current draw · qv = Air flow · pfs = Pressure increase
Item no. 10892-5-9980 · Revision 70969 · Release 2010-07-07 · Page 6 / 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - D2E146-HT67-01

ManufacturerPart #DatasheetDescription
logo
ebm-papst
D2E146-HT65-14 EBMPAPST-D2E146-HT65-14 Datasheet
583Kb / 2P
   CENTRIFUGAL BLOWER
More results

Similar Description - D2E146-HT67-01

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E180-AT06-15 EBMPAPST-R2E180-AT06-15 Datasheet
176Kb / 5P
   AC centrifugal fan
G2E160-AY47-01 EBMPAPST-G2E160-AY47-01 Datasheet
115Kb / 5P
   AC centrifugal fan
09/08/2010
logo
List of Unclassifed Man...
R2E140-AS77-05 ETC2-R2E140-AS77-05 Datasheet
255Kb / 5P
   AC centrifugal fan
logo
Qualtek Electronics Cor...
FDA5-13380 QUALTEK-FDA5-13380 Datasheet
409Kb / 1P
   AC CENTRIFUGAL FAN
logo
ebm-papst
R2E220-AA44-23-V1 EBMPAPST-R2E220-AA44-23-V1 Datasheet
309Kb / 5P
   AC centrifugal fan
logo
List of Unclassifed Man...
D2E146-AP47-22 ETC2-D2E146-AP47-22 Datasheet
700Kb / 5P
   AC centrifugal fan
D4E180-CA02-02 ETC-D4E180-CA02-02 Datasheet
584Kb / 5P
   AC centrifugal fan
logo
ebm-papst
R2E175-AC91-05 EBMPAPST-R2E175-AC91-05 Datasheet
229Kb / 6P
   AC centrifugal fan
R2E133-BH72-13 EBMPAPST-R2E133-BH72-13 Datasheet
270Kb / 5P
   AC centrifugal fan
logo
Qualtek Electronics Cor...
FDA5-19067 QUALTEK-FDA5-19067 Datasheet
407Kb / 1P
   AC CENTRIFUGAL FAN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com