Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M130126G1008 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M130126G1008
Description  Compact Indoor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M130126G1008 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  M130126G1008 Datasheet HTML 1Page - List of Unclassifed Manufacturers M130126G1008 Datasheet HTML 2Page - List of Unclassifed Manufacturers M130126G1008 Datasheet HTML 3Page - List of Unclassifed Manufacturers M130126G1008 Datasheet HTML 4Page - List of Unclassifed Manufacturers M130126G1008 Datasheet HTML 5Page - List of Unclassifed Manufacturers M130126G1008 Datasheet HTML 6Page - List of Unclassifed Manufacturers M130126G1008 Datasheet HTML 7Page - List of Unclassifed Manufacturers M130126G1008 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Sealed encloSure cooling Air Conditioners
Spec-00736 B
PH 763.422.2211 • FAX 763.576.3200 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
cooling
6
Performance Data
  m28 models 2200 Btu/Hr. (645 Watt)
catalog numBer
M280216G013
M280226G004
M280246G400
cooling perFormance
nominal:
Btu/Hr.
2200/2200
2200/2200
2200/2200
Watts
645/645
645/645
645/645
Refrigerant
R-134A
R-134A
R-134A
Refrigerant Charge (ounces/grams)
11/312
10/284
10/284
Operating Temperature Range:
Maximum (°F/°C)
125/52
125/52
125/52
Minimum (°F/°C)
50/10
50/10
50/10
Airflow at 0 Static Pressure:
Internal loop 50 Hz (CFM / m3/hr.)
146/248
175/297
175/297
External loop 50 Hz (CFM / m3/hr.)
230/391
225/382
225/382
Internal loop 60 Hz (CFM / m3/hr.)
170/289
210/357
210/357
External loop 60 Hz (CFM / m3/hr.)
260/442
255/433
255/433
electrical data
rated Voltage
115
230
460V 1pH
Frequency (Hz)
50/60
50/60
50/60
Operating Range
+/- 10%
+/- 10%
+/- 10%
Max. Power Consumption (W at 50/60 Hz)
1127/1035
1127/1035
1288/1150
Max. Nominal Current (A at 50/60 Hz)
9.8/9.9
5.0/4.5
2.8/2.5
Starting Current (A)
28
14.4
7.4
Agency Approvals
cUL Listed
CE
GOST
Others available upon request
cUR Recognized
CE
GOST
Power Input Description
6-ft. cord with NEMA 5-20 plug
6-ft. cord with NEMA 6-15 plug
6-ft. cord with wire leads
encloSure protection
UL Type
Type 12 standard
controller
Description
Basic mechanical thermostat
Thermostat Location
Behind filter
Factory Thermostat Setting (°F/°C)
80/27
Sound leVel
At 1.5 Meters
55 dB(A)
unit conStruction
Material
Mild steel sheet metal standard
Stainless steel optional
Finish
RAL 7042 gray, semi-gloss powder-coat paint standard
unit dimenSionS
Height (in./mm)
28.5/724
28.5/724
28.5/724
Width (in./mm)
17/432
17/432
17/432
Depth (in./mm)
11.3/288
11.3/288
11.3/288
Weight (lb./kg)
98/45
98/45
108/49


Similar Part No. - M130126G1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1301 ETC2-M1301 Datasheet
300Kb / 1P
   6mm HEX FEMALE STANDOFFS
logo
Pulse A Technitrol Comp...
M1301 PULSE-M1301 Datasheet
124Kb / 2P
   SMT CURRENT SENSE TRANSFORMER
More results

Similar Description - M130126G1008

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FI3B024RB BELDEN-FI3B024RB Datasheet
141Kb / 2P
   Indoor Riser FX Indoor Breakout OM3 24 Fibers
2023 Belden, Inc
logo
OSRAM GmbH
GWKAGMB3.PM OSRAM-GWKAGMB3.PM Datasheet
728Kb / 17P
   Indoor General Lighting
GWKAHJB1.EM OSRAM-GWKAHJB1.EM Datasheet
611Kb / 19P
   Indoor General Lighting
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
   Indoor Video Walls
GWJDSTS2.EM OSRAM-GWJDSTS2.EM Datasheet
4Mb / 26P
   Indoor General Lighting
GWJTLMS1.EM OSRAM-GWJTLMS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJCLMS1.EC OSRAM-GWJCLMS1.EC Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGJB3.DM OSRAM-GWKAGJB3.DM Datasheet
818Kb / 17P
   Indoor General Lighting
GWKAGMB3.DM OSRAM-GWKAGMB3.DM Datasheet
824Kb / 17P
   Indoor General Lighting
GWKAHLB2.DM OSRAM-GWKAHLB2.DM Datasheet
2Mb / 18P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com