Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSYCVF300M230PF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NSYCVF300M230PF
Description  ClimaSys forced vent. IP54, 300m3/h, 230V,with outlet grille and filter G2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NSYCVF300M230PF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NSYCVF300M230PF Datasheet HTML 1Page - List of Unclassifed Manufacturers NSYCVF300M230PF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jun 16, 2015
1
Product data sheet
Characteristics
NSYCVF300M230PF
ClimaSys forced vent. IP54, 300m3/h, 230V,
with outlet grille and filter G2
Main
Range
ClimaSys CV
Category
Fan
Type of filter
Standard
Flow rate
Free flow rate with standard filter : 350 m3/h at 60
Hz
Free flow rate with standard filter : 300 m3/h at 50
Hz
[Us] rated supply volt-
age
145...253 V
Input voltage
230 V 50/60 Hz
Complementary
Absorbed power
37 W 60 Hz
36 W 50 Hz
[In] rated current
0.17 A 50 Hz
0.16 A 60 Hz
Noise level < at
55...56 dB
Bearing type
Ball
Height
External : 268 mm
Width
External : 248 mm
Depth
External : 116 mm
Cut-out dimensions
223 x 223 mm
Product weight
1.3 kg
Material
Injected thermoplastic (ASA PC) for outlet grille
Colour
Outlet grille : grey RAL 7035
Ambient air temperature for operation
-10...70 °C
Ambient air temperature for storage
-40...70 °C
Maximum pressure
158 Pa flow rate 0 m³/h
Connections - terminals
Faston connector
IP degree of protection
IP54
Device composition
1 power cord
1 cut-out template
1 outlet grille front
1 filter front of axial motor
2 protective grille on the front and rear surfaces
1 axial motor
Condition of use
Outside temperature must be 5 °C lower than inside temperature
Filter must be cleaned and replaced regularly
Surrounding environment must be relatively clean
Overfrequent filter replacement should be avoided
Flow rates depends on the work point, see ProClima software


Similar Part No. - NSYCVF300M230PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSYCVF300M24DPF ETC2-NSYCVF300M24DPF Datasheet
63Kb / 1P
   ClimaSys forced vent. IP54, 300m3/h, 24V DC,with outlet grille and filter G2
More results

Similar Description - NSYCVF300M230PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSYCVF300M115PF ETC2-NSYCVF300M115PF Datasheet
64Kb / 2P
   ClimaSys forced vent. IP54, 300m3/h, 115V,with outlet grille and filter G2
NSYCVF38M230PF ETC2-NSYCVF38M230PF Datasheet
61Kb / 2P
   ClimaSys forced vent. IP54, 38m3/h, 230V,with outlet grille and filter G2
NSYCVF85M230PF ETC2-NSYCVF85M230PF Datasheet
62Kb / 2P
   ClimaSys forced vent. IP54, 85m3/h, 230V, with outlet grille and filter G2
NSYCVF850M230PF ETC2-NSYCVF850M230PF Datasheet
64Kb / 1P
   ClimaSys forced vent. IP54, 850m3/h, 230V,with outlet grille and filter G2
NSYCVF165M230PF ETC2-NSYCVF165M230PF Datasheet
64Kb / 2P
   ClimaSys forced vent. IP54, 165m3/h, 230V,with outlet grille and filter G2
NSYCVF560M230PF ETC2-NSYCVF560M230PF Datasheet
64Kb / 1P
   ClimaSys forced vent. IP54, 560m3/h, 230V,with outlet grille and filter G2
NSYCVF300M24DPF ETC2-NSYCVF300M24DPF Datasheet
63Kb / 1P
   ClimaSys forced vent. IP54, 300m3/h, 24V DC,with outlet grille and filter G2
NSYCVF850M115PF ETC2-NSYCVF850M115PF Datasheet
65Kb / 1P
   ClimaSys forced vent. IP54, 850m3/h, 115V,with outlet grille and filter G2
NSYCVF38M115PF ETC2-NSYCVF38M115PF Datasheet
61Kb / 2P
   ClimaSys forced vent. IP54, 38m3/h, 115V,with outlet grille and filter G2
NSYCVF165M115PF ETC2-NSYCVF165M115PF Datasheet
64Kb / 2P
   ClimaSys forced vent. IP54, 165m3/h, 115V,with outlet grille and filter G2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com