Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QC5A10.100FSD22AM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QC5A10.100FSD22AM
Description  3.2x5.0 4-Pad SMD Quartz Crystal Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC5A10.100FSD22AM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QC5A10.100FSD22AM Datasheet HTML 1Page - List of Unclassifed Manufacturers QC5A10.100FSD22AM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QC5A Series
3.2x5.0 4-Pad SMD Quartz Crystal Unit
Features
• Low in height, suitable for thin equipment
• Ceramic package and metal lid assures high
reliability
• Tight tolerance and stability available
Mechanical Dimensions
Part Numbering Guide
Qantek
Code
Package
Nominal Frequency
(in MHz)
Vibration
Mode
Load
Capacitance
Operating Tempe-
rature Range
Frequency
Tolerance
Frequency
Stability
Automotive
Indicator
Packaging
Q = Qantek
C5A = 3.2x5.0 4-Pad
= SMD
7 digits including the
decimal point
(f.ie. 12.0000)
F = AT-Fund
S = Series
08 = 8pF
12 = 12pF
18 = 18pF
20 = 20pF etc.
A = -20 to +70°C
B = -40 to +85°C
C = -40 to +105°C
D = -40 to +125°C
1 = ±10ppm
2 = ±20ppm
3 = ±30ppm
5 = ±50ppm
0 = ±100ppm
1 = ±10ppm
2 = ±20ppm
3 = ±30ppm
5 = ±50ppm
0 = ±100ppm
A = AEC-Q200
M = 250pcs Tape&Reel
R = 1000pcs Tape&Reel
Example: QC5A12.0000F12B33R
bold letters = recommended standard specification
Applications
• High density applications
• Modem, communication and test equipment
• PMCIA, wireless applications
• Automotive applications
Frequency Stability vs. Temperature
Operating Temperature
±10ppm
±20ppm
±30ppm
±50ppm
±100ppm
-20 to +70°C

-40 to +85°C
*
*

-40 to +105°C
---

-40 to +125°C
----
*Operating Temperature -30 to +85°C
 standard
 available
General Specifications
Frequency Range
8.000 to 160.000MHz
Mode of Oscillation
Fundamental
8.000 to 52.000MHz
Third Overtone
40.000 to 160.000MHz
Frenquency Tolerance at 25°C
±10 to ±30ppm (±30ppm standard)
Frequency Stability over Temperature Range
See Stability vs. Temperature Table
Storage Temperature
-55 to +125°C
Aging per Year
±3ppm max.
Load Capacitance CL
10 to 32pF and Series Resonance
Shunt Capacitance C0
7.0pF max.
Equivalent Series Resistance (ESR)
See ESR Table
Drive Level
100µW max.
Insulation Resistance (M
)
500 at 100Vdc ±15Vdc
Equivalent Series Resistance (ESR)
Frequency Range - MHz
 max.
Mode of Operation
8.000
to 10.000
100
Fundamental
10.100 to 15.000
80
15.100 to 25.000
50
25.100 to 30.000
40
30.100 to 52.000
35
40.000 to 52.000
100
Third Overtone
52.100 to 80.000
100
80.100 to 160.000
80


Similar Part No. - QC5A10.100FSD22AM

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QC5-573-P ASTRODYNE-QC5-573-P Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Banner Engineering Corp...
QC50 BANNER-QC50 Datasheet
369Kb / 7P
   QC50 Series True Color Sensor
QC50A3N6XDWQ BANNER-QC50A3N6XDWQ Datasheet
369Kb / 7P
   QC50 Series True Color Sensor
QC50A3P6XDWQ BANNER-QC50A3P6XDWQ Datasheet
369Kb / 7P
   QC50 Series True Color Sensor
More results

Similar Description - QC5A10.100FSD22AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QC7A ETC2-QC7A Datasheet
243Kb / 2P
   5x7 4-Pad SMD Quartz Crystal Unit
QC16 ETC2-QC16 Datasheet
216Kb / 2P
   1.2x1.6 4-Pad SMD Quartz Crystal Unit
QC6A ETC2-QC6A Datasheet
255Kb / 2P
   3.5x6.0 4-Pad SMD Quartz Crystal Unit
logo
Seiko Instruments Inc
SC-16S SII-SC-16S Datasheet
430Kb / 1P
   SMD Quartz Crystal Unit
SC-20S SII-SC-20S Datasheet
304Kb / 1P
   SMD Quartz Crystal Unit
SC-32S SII-SC-32S Datasheet
624Kb / 1P
   SMD Quartz Crystal Unit
SSP-T7-FL SII-SSP-T7-FL Datasheet
588Kb / 1P
   SMD Quartz Crystal Unit
SC-20T SII-SC-20T Datasheet
151Kb / 1P
   SMD Quartz Crystal Unit
SC-32A SII-SC-32A Datasheet
626Kb / 1P
   SMD Quartz Crystal Unit
SSP-T7-F SII-SSP-T7-F Datasheet
591Kb / 1P
   SMD Quartz Crystal Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com