Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5819U Datasheet(PDF) 8 Page - STMicroelectronics

Part # 1N5819U
Description  Aerospace 45 V power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5819U Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 1N5819U Datasheet HTML 2Page - STMicroelectronics 1N5819U Datasheet HTML 3Page - STMicroelectronics 1N5819U Datasheet HTML 4Page - STMicroelectronics 1N5819U Datasheet HTML 5Page - STMicroelectronics 1N5819U Datasheet HTML 6Page - STMicroelectronics 1N5819U Datasheet HTML 7Page - STMicroelectronics 1N5819U Datasheet HTML 8Page - STMicroelectronics 1N5819U Datasheet HTML 9Page - STMicroelectronics 1N5819U Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ordering information
1N5819U
8/10
DocID16006 Rev 5
3
Ordering information
4
Other information
4.1
Date code
Date code is structured as describe below:
EM xyywwz
ESCC flight yywwz
Where:
x (EM only): 3, assembly location Rennes (France)
yy: last two digits year
ww: week digits
z: lot index in the week
4.2
Documentation
In Table 8 is a summary of the documentation provided with each type of products.
Table 7. Ordering information(1)
Order code
ESCC detailed
specification
Package
Lead finish
Marking(2)
EPPL
Mass
Packing
1N5819UB1
LCC2B
Gold
1N5819UB1
-
0.18 g
Waffle pack
1N5819U01B
5106/021/02
Gold
510602102
Y
1N5819U02B
5101/021/03
Solder dip
510602103
Y
1.
Contact ST sales office for information about the specific conditions for products in die form.
2.
Specific marking only. The full marking includes in addition:
For the engineering models: ST logo, date code, country of origin (FR).
For ESCC flight parts: ST logo, date code, country of origin (FR), ESA logo, serial number of the part within the assembly lot.
Table 8. Documentation provided with each type of products
Quality level
Documentation
Engineering model
ESCC flight
Certificate of conformance


Similar Part No. - 1N5819U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5819UR CDI-DIODE-1N5819UR Datasheet
34Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819UR MICROSEMI-1N5819UR Datasheet
48Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sensitron
1N5819UR-1 SENSITRON-1N5819UR-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819UR-1 SENSITRON-1N5819UR-1 Datasheet
59Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
1N5819UR-1 MICROSEMI-1N5819UR-1 Datasheet
311Kb / 6P
   1 Amp Schottky Barrier Rectifiers
More results

Similar Description - 1N5819U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
   Aerospace 2 x 30 A - 45 V Schottky rectifier
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
   Aerospace 2 x 10 A - 45 V Schottky rectifier
1N5822U STMICROELECTRONICS-1N5822U Datasheet
100Kb / 7P
   Aerospace 40 V power Schottky rectifier
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
   45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS1045SFY STMICROELECTRONICS-STPS1045SFY Datasheet
473Kb / 11P
   Automotive 45 V power Schottky rectifier
DS12668 - Rev 1 - August 2018
logo
Solid States Devices, I...
SSR1645CTJ SSDI-SSR1645CTJ Datasheet
34Kb / 2P
   16A 45 V SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
logo
Solid States Devices, I...
SSR4045CTJ SSDI-SSR4045CTJ Datasheet
127Kb / 2P
   30A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
   80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 15Amp 45~200Volt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com