Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5819U02B Datasheet(PDF) 3 Page - STMicroelectronics

Part # 1N5819U02B
Description  Aerospace 45 V power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5819U02B Datasheet(HTML) 3 Page - STMicroelectronics

  1N5819U02B Datasheet HTML 1Page - STMicroelectronics 1N5819U02B Datasheet HTML 2Page - STMicroelectronics 1N5819U02B Datasheet HTML 3Page - STMicroelectronics 1N5819U02B Datasheet HTML 4Page - STMicroelectronics 1N5819U02B Datasheet HTML 5Page - STMicroelectronics 1N5819U02B Datasheet HTML 6Page - STMicroelectronics 1N5819U02B Datasheet HTML 7Page - STMicroelectronics 1N5819U02B Datasheet HTML 8Page - STMicroelectronics 1N5819U02B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID16006 Rev 5
3/10
1N5819U
Characteristics
10
To evaluate the conduction losses use the following equation:
P = 0.285 x IF(AV) + 0.165 x IF
2
(RMS )
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = 45 V
-
-
20
µA
Tj = 100 °C
-
-
3.5
mA
Tj = -55 °C
VR = 45 V
-
-
20
µA
Tj = -55 °C
VR = 40 V
--
10
Tj = 25 °C
VR = 40 V
--
15
Tj = 100 °C
-
-
3
mA
Tj = 100 °C
VR = 35 V
-
-
2.5
Tj = 100 °C
VR = 24 V
--
1.6
Tj = 100 °C
VR = 12 V
-
-
1.2
Tj = 100 °C
VR = 6 V
--
1
VF
(2)
2.
Pulse test: tp = 680 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 0.1 A
-
-
350
mV
Tj = 25 °C
IF = 1A
--
490
Tj = 100 °C
-
-
450
Tj = - 55 °C
-
-
650
Tj = 25 °C
IF = 3.1 A
-
-
800
Table 5. Dynamic characteristics
Symbo
l
Parameter
Test conditions
Min
.
Ty
p.
Max
.
Uni
t
Cj
Diode capacitance
VR = 5 V, F = 1 MHz
-
-
70
pF


Similar Part No. - 1N5819U02B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5819UR CDI-DIODE-1N5819UR Datasheet
34Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819UR MICROSEMI-1N5819UR Datasheet
48Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sensitron
1N5819UR-1 SENSITRON-1N5819UR-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819UR-1 SENSITRON-1N5819UR-1 Datasheet
59Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
1N5819UR-1 MICROSEMI-1N5819UR-1 Datasheet
311Kb / 6P
   1 Amp Schottky Barrier Rectifiers
More results

Similar Description - 1N5819U02B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
   Aerospace 2 x 30 A - 45 V Schottky rectifier
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
   Aerospace 2 x 10 A - 45 V Schottky rectifier
1N5822U STMICROELECTRONICS-1N5822U Datasheet
100Kb / 7P
   Aerospace 40 V power Schottky rectifier
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
   45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS1045SFY STMICROELECTRONICS-STPS1045SFY Datasheet
473Kb / 11P
   Automotive 45 V power Schottky rectifier
DS12668 - Rev 1 - August 2018
logo
Solid States Devices, I...
SSR1645CTJ SSDI-SSR1645CTJ Datasheet
34Kb / 2P
   16A 45 V SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
logo
Solid States Devices, I...
SSR4045CTJ SSDI-SSR4045CTJ Datasheet
127Kb / 2P
   30A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
   80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 15Amp 45~200Volt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com