Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G462A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L3G462A
Description  625 dps full scale - 3-axis analog gyroscope
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G462A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L3G462A Datasheet HTML 3Page - STMicroelectronics L3G462A Datasheet HTML 4Page - STMicroelectronics L3G462A Datasheet HTML 5Page - STMicroelectronics L3G462A Datasheet HTML 6Page - STMicroelectronics L3G462A Datasheet HTML 7Page - STMicroelectronics L3G462A Datasheet HTML 8Page - STMicroelectronics L3G462A Datasheet HTML 9Page - STMicroelectronics L3G462A Datasheet HTML 10Page - STMicroelectronics L3G462A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application hints
L3G462A
8/11
Doc ID 018584 Rev 1
3
Application hints
Figure 2.
L3G462A electrical connections and external component values
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF aluminum) should
be placed as near as possible to the device (common design practice). A 10 nF, 25 V class
capacitor connected to pin 14 is required for proper working of the device.
9nF
100 nF
Vdd
GND
GND
10 µF
MS1
OUT_Y
MS2
Res
GND
GND
1
8
12
5
49
13
16
TOP
VIEW
NC
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ANGULAR RATES
X
+Ω
OUT_Y
+Ω
OUT_R
+Ω
OUT_P
CAP
GND
10 nF (25V) ±10%
Res
GND
AM09245V1


Similar Part No. - L3G462A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
More results

Similar Description - L3G462A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹500 dps analog gyroscope
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹100 dps analog gyroscope
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹300 dps analog gyroscope
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹30 dps analog gyroscope
LPR430AL STMICROELECTRONICS-LPR430AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
LPR410AL STMICROELECTRONICS-LPR410AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹100 dps analog gyroscope
LPR450AL STMICROELECTRONICS-LPR450AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹500 dps analog gyroscope
LPY4150AL STMICROELECTRONICS-LPY4150AL Datasheet
265Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹1500 dps analog gyroscope
LPR4150AL STMICROELECTRONICS-LPR4150AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹1500 dps analog gyroscope
LPY403AL STMICROELECTRONICS-LPY403AL Datasheet
282Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹30 dps analog gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com