Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35B32-WMC6TG Datasheet(PDF) 3 Page - STMicroelectronics

Part # M35B32-WMC6TG
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TG Datasheet(HTML) 3 Page - STMicroelectronics

  M35B32-WMC6TG Datasheet HTML 1Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 2Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 3Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 4Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 5Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 6Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 7Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 8Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
DocID18391 Rev 4
3/44
M35B32
Contents
3
6.8
Page Program (PP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
6.9
ECC (error correction code) and write cycling . . . . . . . . . . . . . . . . . . . . . 26
6.10
Page Erase (PE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
6.11
Sector Erase (SE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7
Power-up and power-down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
7.1
Supply voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
7.1.1
Operating supply voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
7.1.2
Power-up conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
7.1.3
Internal reset during power up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
7.1.4
Power-down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8
Initial delivery state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
9
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
10
DC and AC parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
11
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
11.1
SO8N package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
11.2
TSSOP8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
11.3
UFDFN8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
12
Part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
13
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43


Similar Part No. - M35B32-WMC6TG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M35 VISHAY-M35 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 09-Sep-09
logo
PETERMANN-TECHNIK
M3500 PETERMANN-M3500 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
logo
Micronetics, Inc.
M3500-0102 MICRONETICS-M3500-0102 Datasheet
44Kb / 1P
   100-200 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0204 MICRONETICS-M3500-0204 Datasheet
45Kb / 1P
   200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0305 MICRONETICS-M3500-0305 Datasheet
44Kb / 1P
   300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
More results

Similar Description - M35B32-WMC6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
   256-Kbit serial SPI bus EEPROM - 105 C Operation
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024 ATMEL-AT25F1024_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F4096 ATMEL-AT25F4096_14 Datasheet
358Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024A ATMEL-AT25F1024A_14 Datasheet
623Kb / 20P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
logo
STMicroelectronics
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95256_0807 STMICROELECTRONICS-M95256_0807 Datasheet
391Kb / 44P
   256 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com