Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS307 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS307
Description  Smart Highside Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS307 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS307 Datasheet HTML 4Page - Infineon Technologies AG BTS307 Datasheet HTML 5Page - Infineon Technologies AG BTS307 Datasheet HTML 6Page - Infineon Technologies AG BTS307 Datasheet HTML 7Page - Infineon Technologies AG BTS307 Datasheet HTML 8Page - Infineon Technologies AG BTS307 Datasheet HTML 9Page - Infineon Technologies AG BTS307 Datasheet HTML 10Page - Infineon Technologies AG BTS307 Datasheet HTML 11Page - Infineon Technologies AG BTS307 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BTS 307
Semiconductor Group
8
2003-Oct-01
Options Overview
all versions: High-side switch, Input protection, ESD protectionand reverse battery
protection with 150
Ω in GND connection, protection against loss of ground
Type
BTS 410D2 410E2 410G2 410H2
307
308
Logic version
D
E
G
H
Overtemperature protection with hysteresis
Tj >150 °C, latch function
10)11)
Tj >150 °C, with auto-restart on cooling
X
X
X
X
X
X
Short circuit to GND protection
switches off when VON>3.5 V typ. and Vbb> 8 V
typ10) (when first turned on after approx. 150
µs)
X
X
switches off when VON>8.5 V typ.10)
(when first turned on after approx. 150
µs)
Achieved through overtemperature protection
X
X
X
X
Open load detection
in OFF-state with sensing current 6
µA typ.
in ON-state with sensing voltage drop across
power transistor
X
X
X
X
X
X
Undervoltage shutdown with auto restart
X
X
X
X
X
X
Overvoltage shutdown with auto restart
X
X
X
X
-
X
Status feedback for
overtemperature
short circuit to GND
short to Vbb
open load
undervoltage
overvoltage
X
X
-12)
X
X
X
X
X
-
12)
X
-
-
X
-
-12)
X
-
-
X
X
X
X
-
-
X
X
X
X
X
-
X
X
X
X
-
-
Status output type
CMOS
Open drain
X
X
X
X
X
X
Output negative voltage transient limit
(fast inductive load switch off)
to Vbb - VON(CL)
X
X
X
X
X
X
Load current limit
high level (can handle loads with high inrush currents)
low level (better protection of application)
X
X
X
X
X
X
Protection against loss of GND
X
X
X
X
X
X
10
)
Latch except when
Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT
0 V only if forced externally). So the device remains latched unless
Vbb < VON(SC) (see page 4). No latch
between turn on and td(SC).
11
)
With latch function. Reseted by a) Input low, b) Undervoltage, c) Overvoltage
12
)
Low resistance short Vbb to output may be detected in ON-state by the no-load-detection


Similar Part No. - BTS307

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS307 SIEMENS-BTS307 Datasheet
157Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
More results

Similar Description - BTS307

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com