Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560D30L3B3E0Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC560D30L3B3E0Y
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3B3E0Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC560D30L3B3E0Y Datasheet HTML 3Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 4Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 5Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 6Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 7Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 8Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 9Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 10Page - STMicroelectronics SPC560D30L3B3E0Y Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
SPC560D30x, SPC56040Dx
Introduction
Doc ID 16315 Rev 7
7/90
1
Introduction
1.1
Document overview
This document describes the device features and highlights the important electrical and
physical characteristics.
1.2
Description
These 32-bit automotive microcontrollers are a family of system-on-chip (SoC) devices
designed to be central to the development of the next wave of central vehicle body
controller, smart junction box, front module, peripheral body, door control and seat control
applications.
This family is one of a series of next-generation integrated automotive microcontrollers
based on the Power Architecture technology and designed specifically for embedded
applications.
The advanced and cost-efficient e200z0h host processor core of this automotive controller
family complies with the Power Architecture technology and only implements the VLE
(variable-length encoding) APU (auxiliary processing unit), providing improved code density.
It operates at speeds of up to 48 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current
Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with the user’s implementations.
The device platform has a single level of memory hierarchy and can support a wide range of
on-chip static random access memory (SRAM) and internal flash memory.
Table 2.
Pictus 512K device comparison
Feature
Device
SPC560D30L1
SPC560D30L3
SPC560D40L1
SPC560D40L3
CPU
e200z0h
Execution speed
Static – up to 48 MHz
Code flash memory
128 KB
256 KB
Data flash memory
64 KB (4 × 16 KB)
SRAM
12 KB
16 KB
eDMA
16 ch
ADC (12-bit)
16 ch
33 ch
16 ch
33 ch
CTU
16 ch
Total timer I/O(1)
eMIOS
14 ch, 16-bit
28 ch, 16-bit
14 ch, 16-bit
28 ch, 16-bit
– Type X(2)
2ch
5 ch
2ch
5 ch
– Type Y(3)
—9 ch
—9 ch
– Type G(4)
7ch
7 ch
7ch
7 ch


Similar Part No. - SPC560D30L3B3E0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560D30X STMICROELECTRONICS-SPC560D30X Datasheet
686Kb / 90P
   Non-maskable interrupt
September 2013 Rev 7
More results

Similar Description - SPC560D30L3B3E0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
December 2011 Rev 4
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
December 2021 Rev 6
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019 DS11758 Rev 6
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com