Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA150PS24 Datasheet(PDF) 4 Page - XP Power Limited

Part # DSA150PS24
Description  AC-DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSA150PS24 Datasheet(HTML) 4 Page - XP Power Limited

  DSA150PS24 Datasheet HTML 1Page - XP Power Limited DSA150PS24 Datasheet HTML 2Page - XP Power Limited DSA150PS24 Datasheet HTML 3Page - XP Power Limited DSA150PS24 Datasheet HTML 4Page - XP Power Limited DSA150PS24 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-10
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
(Vertical)
90
100
110
135
264Vac
Input Voltage(V)
230
40
40
50
100
112.5
150
For typ. 3sec
Continuous
50
60
70
80
90
100
Derating Curves
DC OK
Application Notes
DSA150 Series
www.xppower.com
4
AC-DC Power Supplies
1. All dimensions in inches (mm)
2. Weight: 1.916 lbs (860g)
3. Tolerance: ±0.02 in (±0.5 mm)
4. Screw terminal: 10-24 AWG cables size.
5. Connection screw maximum torque: Input: 4.4lbs-in (0.5 Nm), Output: 7.0 lbs-in (0.79 Nm).
Notes
Pin Connector
Conn Pin
Designation
AC
I/P
1
Ground
2
L
3
N
DC
O/P
1
+Vout
2
-Vout
3
+RC
4
-RC
5
DC OK
6
DC OK
Mechanical Details
DCOK
DCOK
5
6
Contact Rating: 0.3 A at 60 VDC, 1.0 A at 30 VDC, 0.5 A at 30 VAC.
500 VDC isolation to output.
Open = Output fail, if voltage drops below 45% of nominal
Closed = Output good
2.18 (55.5)
1
6
4.92
(125.2)
3.92 (99.8)
12
OCP Mode
RC Mode
ON
DSA150
www.xppower.com
LN
+V -V +RC -RC DC
OK
VOUT ADJ.


Similar Part No. - DSA150PS24

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA15I45PA IXYS-DSA15I45PA Datasheet
86Kb / 4P
   Schottky Diode Gen
logo
Inchange Semiconductor ...
DSA15I45PA ISC-DSA15I45PA Datasheet
280Kb / 2P
   Schottky Rectifier Diode
logo
IXYS Corporation
DSA15IM150UC IXYS-DSA15IM150UC Datasheet
151Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA15IM200UC IXYS-DSA15IM200UC Datasheet
152Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA15IM45IB IXYS-DSA15IM45IB Datasheet
88Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
More results

Similar Description - DSA150PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com