Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA480PS24 Datasheet(PDF) 3 Page - XP Power Limited

Part # DSA480PS24
Description  AC-DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSA480PS24 Datasheet(HTML) 3 Page - XP Power Limited

  DSA480PS24 Datasheet HTML 1Page - XP Power Limited DSA480PS24 Datasheet HTML 2Page - XP Power Limited DSA480PS24 Datasheet HTML 3Page - XP Power Limited DSA480PS24 Datasheet HTML 4Page - XP Power Limited DSA480PS24 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DSA480 Series
www.xppower.com
AC-DC Power Supplies
3
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-25
+70
°C
See derating curve in Application Notes
Storage Temperature
-40
+85
°C
Cooling
Natural convection
Operating Humidity
20
95
%RH
Non-condensing
Operating Altitude
3000
m
Shock
IEC68-2-27, 4 g, 22 ms half sine, 3 times in each of
6 axes
Vibration
IEC68-2-6, 10-500 Hz, 2 g 10 mins/sweep. 60 mins
for each of 3 axes
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
6 kV
A
Contact
8 kV
AirDischarge
Radiated Immunity
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
10 V
A
Magnetic Fields
EN61000-4-8
4A
Dips and Interruptions
EN55024
Dip: 30%, 10 ms
A
Dip: 60%, 100 ms
A/B
High Line/Low Line
Dip: 100%, 5000 ms
B
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55022
Class B
Radiated
EN55022
Class B
Harmonic Current
EN61000-3-2
Class A
Voltage Fluctuations
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
UL
UL508
Industrial Control Equipment
TUV
EN60950-1 A12:2011
Information Technology
CB
IEC60950-1 +A1:2009
Information Technology


Similar Part No. - DSA480PS24

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
More results

Similar Description - DSA480PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com