Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL5247B Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DL5247B
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

DL5247B Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  DL5247B Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DL5247B Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. DL5247B Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DL5221B/ZMM5221B
DL5222B/ZMM5222B
DL5223B/ZMM5223B
DL5224B/ZMM5224B
DL5225B/ZMM5225B
DL5226B/ZMM5226B
DL5227B/ZMM5227B
DL5228B/ZMM5228B
DL5229B/ZMM5229B
DL5230B/ZMM5230B
DL5231B/ZMM5231B
DL5232B/ZMM5232B
DL5233B/ZMM5233B
DL5234B/ZMM5234B
DL5235B/ZMM5235B
DL5236B/ZMM5236B
DL5237B/ZMM5237B
DL5238B/ZMM5238B
DL5239B/ZMM5239B
DL5240B/ZMM5240B
DL5241B/ZMM5241B
DL5242B/ZMM5242B
DL5243B/ZMM5243B
DL5244B/ZMM5244B
DL5245B/ZMM5245B
DL5246B/ZMM5246B
DL5247B/ZMM5247B
DL5248B/ZMM5248B
DL5249B/ZMM5249B
DL5250B/ZMM5250B
DL5251B/ZMM5251B
DL5252B/ZMM5252B
DL5253B/ZMM5253B
DL5254B/ZMM5254B
DL5255B/ZMM5255B
DL5256B/ZMM5256B
DL5257B/ZMM5257B
DL5258B/ZMM5258B
DL5259B/ZMM5259B
DL5260B/ZMM5260B
DL5261B/ZMM5261B
DL5262B/ZMM5262B
DL5263B/ZMM5263B
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
100
100
75
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
43
191
182
168
162
151
138
126
115
106
97
89
81
76
73
67
61
55
52
50
45
41
38
35
32
30
28
27
25
24
23
21.2
19.1
18.2
16.8
16.2
15.1
13.8
12.6
11.5
10.6
9.7
8.9
8.1
Device Type
Nominal
Zener
Voltage
Vz@IZT
(Volts)
Test
Current
IZT
(mA)
Maximum Zener
Impedance
ZZT@IZT
ZZK@IZK=0.25mA
Maximum
Regulator
Current
IZM
Maximum Reverse
Leakage Current
uA
Typical
Temperature
Coefficient
(%/ C)
mA
IR
@VR
Volts
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
150
125
150
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
+0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.085
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
+0.096
Ohms
Ohms
Note 1: Suffix “B” indicate +5% tolerance
www.shunyegroup.com.cn


Similar Part No. - DL5247B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL5247B DCCOM-DL5247B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Shanghai Shunye Electro...
DL5247B SY-DL5247B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
DL5247B CHENDA-DL5247B Datasheet
147Kb / 3P
   ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
logo
Micro Commercial Compon...
DL5247B MCC-DL5247B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - DL5247B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com