Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560D40L3C4E0Y Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC560D40L3C4E0Y
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L3C4E0Y Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC560D40L3C4E0Y Datasheet HTML 6Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 7Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 8Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 9Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 10Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 11Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 12Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 13Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Block diagram
SPC560D30x, SPC56040Dx
10/90
Doc ID 16315 Rev 7
Table 3 summarizes the functions of all blocks present in the Pictus 512K series of
microcontrollers. Please note that the presence and number of blocks varies by device and
package.
Table 3.
Pictus 512K series block summary
Block
Function
Analog-to-digital converter (ADC) Multi-channel, 12-bit analog-to-digital converter
Boot assist module (BAM)
A block of read-only memory containing VLE code which is executed according
to the boot mode of the device
Clock generation module
(MC_CGM)
Provides logic and control required for the generation of system and peripheral
clocks
Clock monitor unit (CMU)
Monitors clock source (internal and external) integrity
Cross triggering unit (CTU)
Enables synchronization of ADC conversions with a timer event from the eMIOS
or from the PIT
Crossbar switch (XBAR)
Supports simultaneous connections between two master ports and three slave
ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus
width.
Deserial serial peripheral
interface (DSPI)
Provides a synchronous serial interface for communication with external
devices
Enhanced direct memory access
(eDMA)
Performs complex data transfers with minimal intervention from a host
processor via “n” programmable channels.
Enhanced modular input output
system (eMIOS)
Provides the functionality to generate or measure events
Error correction status module
(ECSM)
Provides a myriad of miscellaneous control functions for the device including
program-visible information about configuration and revision levels, a reset
status register, wakeup control for exiting sleep modes, and optional features
such as information on memory errors reported by error-correcting codes
Flash memory
Provides non-volatile storage for program code, constants and variables
FlexCAN (controller area
network)
Supports the standard CAN communications protocol
Frequency-modulated phase-
locked loop (FMPLL)
Generates high-speed system clocks and supports programmable frequency
modulation
Internal multiplexer (IMUX) SIU
subblock
Allows flexible mapping of peripheral interface on the different pins of the device
Interrupt controller (INTC)
Provides priority-based preemptive scheduling of interrupt requests
JTAG controller (JTAGC)
Provides the means to test chip functionality and connectivity while remaining
transparent to system logic when not in test mode
LINFlex controller
Manages a high number of LIN (Local Interconnect Network protocol)
messages efficiently with a minimum of CPU load
Mode entry module (MC_ME)
Provides a mechanism for controlling the device operational mode and mode
transition sequences in all functional states; also manages the power control
unit, reset generation module and clock generation module, and holds the
configuration, control and status registers accessible for applications
Non-maskable interrupt (NMI)
Handles external events that must produce an immediate response, such as
power down detection


Similar Part No. - SPC560D40L3C4E0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
More results

Similar Description - SPC560D40L3C4E0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
December 2011 Rev 4
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
December 2021 Rev 6
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019 DS11758 Rev 6
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com