Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDS3000PS15 Datasheet(PDF) 6 Page - XP Power Limited

Part # HDS3000PS15
Description  Fully Featured Signals AND Controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HDS3000PS15 Datasheet(HTML) 6 Page - XP Power Limited

  HDS3000PS15 Datasheet HTML 1Page - XP Power Limited HDS3000PS15 Datasheet HTML 2Page - XP Power Limited HDS3000PS15 Datasheet HTML 3Page - XP Power Limited HDS3000PS15 Datasheet HTML 4Page - XP Power Limited HDS3000PS15 Datasheet HTML 5Page - XP Power Limited HDS3000PS15 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HDS3000 Series
www.xppower.com
11 Aug 15
AC-DC Power Supplies
14.17 (360.0)
13.64 (346.5)
12.80 (325.0)
9.84 (250.0)
1.33 (33.80)
5.00
(127.0)
5.00 (127.0)
5.00
(127.0)
3.86
(98.0)
0.56
(14.10)
1. Dimensions shown in inches (mm).
2. Weight: 11.57 lb (5.25 kg)
3. Mating Connector: CN2 JST PHDR-24VS Housing,
SPHD-002T-P0.5 Contact
Notes
Pin
Function
1
ACL
2
ACN
3
Mechanical Details
CN2 Control Pin Connections
Pin
Function
Description
Pin
Function
Description
Pin
Function
Description
1
VS+
Remote sense (+)
9
EN-
Inhibit On/Off(-)
17
AUX
+5V/0.5 A or +9V/0.3 A
Standby power
2
VO+
Positive Output Voltage
10
GND
Ground
18
GND
Ground
3
VS-
Remote Sense (-)
11
EN+
Inhibit On/Off (+)
19
SCL
I2C Serial Clock
4
VO-
Negative Output Voltage 12
AUX
+5V/0.5 A or +9V/0.3 A
Standby power
20
SDA
I2C Serial Data
5
POK
Power OK
13
ACI
I Program
21
AUX
+5V/0.5 A or
+9V/0.3 A power
6
GND
Ground
14
GND
Ground
22
GND
Standby Ground
7
PAR
Parallel Operation
Current Share
15
VCI
V Program
23
N.C.
RS232 Receive
8
VSET
Aux Output Setting
16
GND
Ground
24
N.C.
RS232 Transmit


Similar Part No. - HDS3000PS15

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HDS3000-24V DELTA-HDS3000-24V Datasheet
190Kb / 1P
   Power System
HDS3000-48V DELTA-HDS3000-48V Datasheet
183Kb / 1P
   Power System
More results

Similar Description - HDS3000PS15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
logo
XP Power Limited
MP300-2400 XPPOWER-MP300-2400 Datasheet
1Mb / 6P
   Fully Featured Signal Set
logo
Panasonic Semiconductor
AQV21 PANASONIC-AQV21 Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
Analog Devices
UG-1042 AD-UG-1042 Datasheet
2Mb / 24P
   Fully featured evaluation board for 10-lead precision
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
MERITEK ELECTRONICS COR...
RD MERITEK-RD Datasheet
130Kb / 2P
   industrial controls and instrumentation
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
   Protection Relays and Controls
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com