Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHP650PS28 Datasheet(PDF) 5 Page - XP Power Limited

Part # HHP650PS28
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HHP650PS28 Datasheet(HTML) 5 Page - XP Power Limited

  HHP650PS28 Datasheet HTML 1Page - XP Power Limited HHP650PS28 Datasheet HTML 2Page - XP Power Limited HHP650PS28 Datasheet HTML 3Page - XP Power Limited HHP650PS28 Datasheet HTML 4Page - XP Power Limited HHP650PS28 Datasheet HTML 5Page - XP Power Limited HHP650PS28 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HHP Series
AC-DC Power Supplies
55
www.xppower.com
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+70
°C
See derating curve, fig.6
Storage Temperature
-40
+85
°C
Some specification parameters maybe exceeded
until after 20 minutes warm up period.
Cooling
Forced-cooled via integral dual voltage level fan,
which is load dependant. See fig.7
Humidity
95
%RH
Non-condensing
Operating Altitude
5000
m
Shock
30 g pk, half sine, 6 axes EN60068-2-27, -2-47
& MIL-STD-810F 514.5 cat 4
Vibration
2 g rms, 5-500 kHz, 3 axes EN60068-2-6 & MIL-
STD-810F 516.5 cat 1
-40
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
Figure 6
Temperature Derating Curve
0
50
0
100
25
50
75
100
Output Power (%)
Figure 7
Fan Speed Control
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Voltage Fluctuations
EN61000-3-3
Low Voltage PSU EMC
EN61204-3
High severity level
as below
ESD Immunity
EN61000-4-2
3A
Radiated Immunity
EN61000-4-3
3A
EFT/Burst
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
IEEEStdC62.41-loc cat C1
6kV, 3 kA
Conducted
EN61000-4-6
3A
Dips and Interruptions
EN55024 (100 VAC)
Dip >95% (0 VAC), 8.3 ms
A
Dip 30% (70 VAC), 416 ms
B
Dip >95% (0 VAC), 4160 ms
B
EN55024 (240 VAC)
Dip >95% (0 VAC), 10.0 ms
A
Dip 30% (70 VAC), 500 ms
B
Dip >95% (0 VAC), 5000 ms
B
SEMI F47
Compliant
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/22
Class B
Radiated
EN55011/22
Class A
Harmonic Current
EN61000-3-2
Class A


Similar Description - HHP650PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com