Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC4072S05 Datasheet(PDF) 4 Page - XP Power Limited

Part # RDC4072S05
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDC4072S05 Datasheet(HTML) 4 Page - XP Power Limited

  RDC4072S05 Datasheet HTML 1Page - XP Power Limited RDC4072S05 Datasheet HTML 2Page - XP Power Limited RDC4072S05 Datasheet HTML 3Page - XP Power Limited RDC4072S05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RDC40 Series
www.xppower.com
24 Feb 14
DC-DC Power Supplies
6
4
5
2
1
3
2
3
8.0
(0.32)
1.6 (40.6)
0.40
(10.14)
0.40
(10.14)
0.40
(10.16)
2.0
(50.8)
1.73
(43.9)
0.17
(4.36)
0.10
(2.54)
0.10
(2.54)
0.50
(0.02)
8.0
(0.32)
6.0
(0.24)
0.40
(10.16)
0.60
(15.22)
0.50
(12.68)
0.20
(5.08)
0.30
(7.62)
0.40
(10.16)
Dia. 0.04
(1.00)
Dia. 0.04
(1.00)
Bottom View
Single and Dual Output Models
Thermal Pad
2.0
(50.8)
Optional heatsink (-HK)
1. Dimensions shown in inches (mm).
2. Weight: 0.105 lbs (48.0 g)
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Mechanical Details
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
+Vout
+Vout
5
-Vout
Com
6
Trim
-Vout


Similar Part No. - RDC4072S05

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC40 ALPS-RDC40 Datasheet
271Kb / 6P
   Rotary Type
logo
Allied Components Inter...
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-101K-RC ALLIED-RDC40-101K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC4072S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com