Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC40110D12 Datasheet(PDF) 2 Page - XP Power Limited

Part # RDC40110D12
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDC40110D12 Datasheet(HTML) 2 Page - XP Power Limited

  RDC40110D12 Datasheet HTML 1Page - XP Power Limited RDC40110D12 Datasheet HTML 2Page - XP Power Limited RDC40110D12 Datasheet HTML 3Page - XP Power Limited RDC40110D12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RDC40 Series
www.xppower.com
2
DC-DC Power Supplies
Output
Characteristic
Min.
Typ.
Max.
Units
Notes & Conditions
Output Voltage
VDC
See Models and Ratings table
Output Voltage Trim
±10
%
On single outputs models only
Minimum Load
0A
Line Regulation
±0.2
%
Load Regulation
±0.5
±1.0
%
Single output models
Dual output models (balanced outputs)
Cross Regulation
±5
%
Dual output models, when one load is varied between 25% and 100% and the other
is fixed at 100%
Setpoint Accuracy
±1
%
Start Up Time
30
ms
Ripple and Noise
100
150
mV pk-pk
mV pk-pk
Single output models
Dual output model
Measured with 20 MHz bandwidth in parallel with 1 µF ceramic capacitor across
output rails
Transient Response
4%
Deviation, recovery to within 1% in <500 µs for a 25% load change
Overvoltage Protection
3.9
6.2
15.0
18
±15
±18
V
3.3 V Models
5.0 V Models
12 V Models
15 V Models
±12 V Models
±15 V Models
Overload Protection
130
%
Of Full Load
Short Circuit Protection
Trip and restart (hiccup mode, auto recovery)
Overtemperature Protection
115
°C
Case temperature
Remote On/Off
On = Logic High (>3.0) or Open
Off = Logic Low (<1.2 V) or short pin 2 to 3
Maximum Capactitive Load
See Models and Ratings table
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
88
%
See Models and Ratings table
Isolation: Input to Output
Input to Case
Output to Case
1500
VAC
1600
VDC
1600
VDC
Switching Frequency
270
kHz
Power Density
31
W/in3
Mean Time Between Failure
320
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
0.105 (48)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
See derating curve in Applications Note
Case Temperature
+105
°C
See derating curve in Applications Note
Cooling
Convection-cooled
Operating Humidity
95
%RH
Non-condensing
Storage Temperature
-55
+125
°C


Similar Part No. - RDC40110D12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC401D07A ALPS-RDC401D07A Datasheet
271Kb / 6P
   Rotary Type
RDC401D07A ALPS-RDC401D07A Datasheet
2Mb / 6P
   Rotary sensors catering to diverse position detection needs
logo
List of Unclassifed Man...
RDC401D07A ETC-RDC401D07A Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RDC40110D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com