Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC320AS36 Datasheet(PDF) 1 Page - XP Power Limited

Part # SDC320AS36
Description  High Power Density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDC320AS36 Datasheet(HTML) 1 Page - XP Power Limited

  SDC320AS36 Datasheet HTML 1Page - XP Power Limited SDC320AS36 Datasheet HTML 2Page - XP Power Limited SDC320AS36 Datasheet HTML 3Page - XP Power Limited SDC320AS36 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
320 Watts
High Power Density
Single & Dual Outputs
Up to 700 W Peak Power
Fan Fail & Power Good Signals
Low Leakage Current Option
Fits 1U Applications
3 Year Warranty
SDC Series
Input
Input Voltage
• 90-132 VAC/180-264 VAC, ‘A’ version,
90-264 VAC, ‘P’ version
Input Frequency
• 47-63 Hz
Input Current
• 7 A at 90 VAC, 3 A at 230 VAC, ‘A’ version
4.5 A at 90 VAC, 2 A at 230 VAC,
‘P’ version
Inrush Current
• Max 70 A at 230 VAC, 35 A at 115 VAC,
cold start
Power Factor
• EN61000-3-2 class A, ‘A’ version
>0.9 ‘P’ versions
Earth Leakage Current
• <500 µA at 264 VAC/50 Hz for ‘A’ version,
<1.5 mA at 264 VAC/50 Hz for ‘P’ version
(the option ‘-L’ 500 µA is available for
P version)
Input Protection
• T8 A/250 V fuse, ‘A’ version
T6 A/250 V fuse, ‘P’ version
Output
Output Voltage
• See tables
Output Voltage Trim
• ±5% on V1 (V2 of dual output models will
track by same % of adjustment)
Initial Set Accuracy
• ±1%
Minimum Load
• 1% on single output models,
10% on both output of dual output models
in order to maintain ripple & noise and
regulation specifications
Start Up Delay
• 1.5 s max at 120 VAC
Start Up Rise Time
• 50 ms typical
Hold Up Time
• 20 ms min at 80% of full load
Line Regulation
• ±0.5%
Load Regulation
• ±1% 1-100% load for single outputs,
±3% V1, ±7% V2 for dual outputs
(except AD0548 version: ±11% on V2)
Over/Undershoot
• 5% max
Transient Response
• ±5% max deviation, recovery to within
1% in 500 µs for a 50% load change
Ripple & Noise
• 1% pk-pk (see note 3)
Overvoltage Protection
• <130% on V1 recycle AC input to reset
Overtemperature
• Measured internally auto recovery
Overload Protection
• 110-140%
Short Circuit Protection
• Trip & restart, auto recovery
Fan Supply
• 12 V/300 mA, not available on
‘-F’ & ‘-E’ versions with built-in fans
Remote On / Off
• Fitted to ‘P’ version only
xppower.com
General
Efficiency
• Single output: 5 V: 70%,12 V: 80%,
All other models: >83% at 230 V & full load,
Dual Output: >70% at 230 V & full load
Isolation
• 3000 VAC Input to Output, 1500 VAC
Input to Ground, 250 VDC Output to
Ground
Switching Frequency
• 23 kHz typical single output models,
25 kHz typical dual output models
‘A’ versions,
60 kHz PFC, 56 kHz PWM ‘P’ versions
Power Density
• 8.9 W/In3
Signals
• Fan Fail & Power Good
MTBF
• >100 kHrs to MIL-HDBK-217F,
at 25 °C GB
Environmental
Operating Temperature
• 0 °C to +70 °C, derate at 2.5%/°C from
+50 °C to +70 °C when force air cooled.
0 °C to +60 °C, derate at 5%/°C from
+50 °C to +60 °C when convection cooled.
Storage Temperature
• -20 °C to +85 °C
Operating Humidity
• 5-90%, non-condensing
Cooling
• ‘-F’ & ‘-E’ versions have built-in fans, 5 V
single output model requires 22 CFM to
meet forced air ratings, all other models
require 18 CFM. ‘P’ version requires
27 CFM on all models
Operating Altitude
• 3000 m
Vibration
• 5-50 Hz, acceleration 7.35 ms2 on 3 axes
EMC & Safety
Emissions
• EN55022 Level B conducted & radiated
Harmonic Currents
• EN61000-3-2 class A
EN61000-3-2 class C for loads ≥30%
(‘P’ versions only)
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms Perf Criteria A, B, B
Safety Approvals
• UL60950-1, CSA C22.2 No. 60950-1,
EN60950-1


Similar Part No. - SDC320AS36

ManufacturerPart #DatasheetDescription
logo
Shaoxing Devechip Micro...
SDC3106 SDC-SDC3106 Datasheet
391Kb / 12P
   Low-Power Primary Side Regulation Power Switch
SDC3106AUTR-E1 SDC-SDC3106AUTR-E1 Datasheet
391Kb / 12P
   Low-Power Primary Side Regulation Power Switch
SDC3106AUTR-G1 SDC-SDC3106AUTR-G1 Datasheet
391Kb / 12P
   Low-Power Primary Side Regulation Power Switch
SDC3106AZ-E1 SDC-SDC3106AZ-E1 Datasheet
391Kb / 12P
   Low-Power Primary Side Regulation Power Switch
SDC3106AZ-G1 SDC-SDC3106AZ-G1 Datasheet
391Kb / 12P
   Low-Power Primary Side Regulation Power Switch
More results

Similar Description - SDC320AS36

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
   High power density
logo
List of Unclassifed Man...
AUIRF8739L2 ETC2-AUIRF8739L2 Datasheet
708Kb / 2P
   High Power Density
logo
Ohmite Mfg. Co.
ACL-ARF OHMITE-ACL-ARF Datasheet
250Kb / 2P
   High power density
logo
XP Power Limited
AML120 XPPOWER-AML120 Datasheet
143Kb / 2P
   High Power Density
logo
Zowie Technology Corpor...
1.5SMPC ZOWIE-1.5SMPC Datasheet
122Kb / 3P
   High power density 1.5KW TVS
4.5SMCC16AH ZOWIE-4.5SMCC16AH Datasheet
73Kb / 2P
   High power density 4500W TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com