Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL66N3LLH5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL66N3LLH5
Description  Automotive-grade dual N-channel 30 V, 4.5 m廓 typ., 80 A STripFET??H5 Power MOSFET in a PowerFLAT??5x6 package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL66N3LLH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL66N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 9Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 10Page - STMicroelectronics STL66N3LLH5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STL66N3LLH5
Electrical characteristics
DocID022356 Rev 3
7/15
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage
vs temperature


Similar Part No. - STL66N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL66DN3LLH5 STMICROELECTRONICS-STL66DN3LLH5 Datasheet
617Kb / 15P
   Dual N-channel 30 V, 5.9 m廓, 20 A STripFET??V Power MOSFET in PowerFLAT??5x6 double island package
March 2012 Rev 2
More results

Similar Description - STL66N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL58N3LLH5 STMICROELECTRONICS-STL58N3LLH5 Datasheet
711Kb / 16P
   Automotive-grade N-channel 30 V, 0.0076 ??typ., 56 A STripFET??H5 Power MOSFET in a PowerFLAT??5x6 package
December 2014 Rev 2
STL105N8F7AG STMICROELECTRONICS-STL105N8F7AG Datasheet
377Kb / 14P
   Automotive N-channel 80 V, 5.6 m廓 typ., 95 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 2 - March 2021
STL8DN6LF6AG STMICROELECTRONICS-STL8DN6LF6AG Datasheet
939Kb / 16P
   Automotive-grade dual N-channel 60 V, 21 m廓 typ., 32 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 DI package
January 2016 Rev 3
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
   P-channel -30 V, 9 m廓 typ., -62 A STripFET??H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
   P-channel -30 V, 11 m廓 typ., -45 A STripFET??H6 Power MOSFET in a PowerFLAT??5x6 package
April 2016 Rev 1
STL76DN4LF7AG STMICROELECTRONICS-STL76DN4LF7AG Datasheet
984Kb / 16P
   Automotive-grade dual N-channel 40 V, 5 m廓 typ., 40 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 DI
July 2017 Rev 5
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
   N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
   N-channel 40 V, 0.85 m廓 typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
   N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com